Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HIN230 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. HIN230
Description  5V Powered RS-232 Transmitters/Receivers
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HIN230 Datasheet(HTML) 3 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3-3
Pinouts
HIN230 (SOIC)
TOP VIEW
HIN231 (SOIC)
TOP VIEW
T3OUT
T1OUT
T2OUT
T2IN
T1IN
GND
C1+
VCC
V+
C1-
T4OUT
NC
SHUTDOWN
T5OUT
T5IN
T4IN
T3IN
V-
C2-
C2+
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
C+
C-
V-
T2OUT
R2IN
NC
T2IN
V+
GND
T1OUT
R1IN
R1OUT
T1IN
NC
VCC
R2OUT
(14)
(13)
(12)
(11)
(10)
(9)
(8)
NOTE: Pin numbers in parentheses are for PDIP Package.
VCC
+5V TO 10V
VOLTAGE DOUBLER
+10V TO -10V
VOLTAGE INVERTER
T1OUT
T2OUT
T3OUT
T4OUT
T5OUT
T5IN
T4IN
T1IN
T2IN
T3IN
T1
T2
T3
T4
T5
+5V
400k
+5V
+
1
µF
+
1
µF
+
1
µF
5
4
2
3
14
1
15
20
16
19
8
10
9
13
V+
V-
C1+
C1-
C2+
C2-
17
SHUTDOWN
7
+5V
400k
+5V
400k
+5V
400k
+5V
400k
+
1
µF
11
12
6
VCC
+5V
16
V+
+7.5V TO +13.2V
15
T1OUT
T2OUT
T1IN
T2IN
T1
T2
10
7
13
4
+5V
400k
+5V
400k
R1OUT
R1IN
R1
12
11
5k
R2OUT
R2IN
R2
5
6
5k
+12V TO -12V
VOLTAGE INVERTER
1
µF
3
V-
C+
C-
+
1
µF
1
2
+
14
NOTE: SOIC pin numbers shown.
HIN230 thru HIN241


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn