Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HIN230 Datasheet(PDF) 2 Page - Intersil Corporation

Part No. HIN230
Description  5V Powered RS-232 Transmitters/Receivers
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HIN230 Datasheet(HTML) 2 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
3-2
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HIN230CB
0 to 70
20 Ld SOIC
M20.3
HIN230IB
-40 to 85
20 Ld SOIC
M20.3
HIN231CB
0 to 70
16 Ld SOIC
M16.3
HIN231CP
0 to 70
14 Ld PDIP
E14.3
HIN231IB
-40 to 85
16 Ld SOIC
M16.3
HIN231IP
-40 to 85
14 Ld PDIP
E14.3
HIN232CP
0 to 70
16 Ld PDIP
E16.3
HIN232CB
0 to 70
16 Ld SOIC
M16.3
HIN232IP
-40 to 85
16 Ld PDIP
E16.3
HIN232IB
-40 to 85
16 Ld SOIC
M16.3
HIN233CP
0 to 70
20 Ld PDIP
E20.3
HIN234CB
0 to 70
16 Ld SOIC
M16.3
HIN234IB
-40 to 85
16 Ld SOIC
M16.3
HIN235CP
0 to 70
24 Ld PDIP
E24.6
HIN236CP
0 to 70
24 Ld PDIP
E24.3
HIN236CB
0 to 70
24 Ld SOIC
M24.3
HIN236IP
-40 to 85
24 Ld PDIP
E24.3
HIN236IB
-40 to 85
24 Ld SOIC
M24.3
HIN237CP
0 to 70
24 Ld PDIP
E24.3
HIN237CB
0 to 70
24 Ld SOIC
M24.3
HIN237IP
-40 to 85
24 Ld PDIP
E24.3
HIN237IB
-40 to 85
24 Ld SOIC
M24.3
HIN238CP
0 to 70
24 Ld PDIP
E24.3
HIN238CB
0 to 70
24 Ld SOIC
M24.3
HIN238IP
-40 to 85
24 Ld PDIP
E24.3
HIN238IB
-40 to 85
24 Ld SOIC
M24.3
HIN239CB
0 to 70
24 Ld SOIC
M24.3
HIN239CP
0 to 70
24 Ld PDIP
E24.3
HIN239IB
-40 to 85
24 Ld SOIC
M24.3
HIN240CN
0 to 70
44 Ld MQFP
Q44.10X10
HIN240IN
-40 to 85
44 Ld MQFP
Q44.10X10
HIN241CB
0 to 70
28 Ld SOIC
M28.3
HIN241IB
-40 to 85
28 Ld SOIC
M28.3
HIN241CA
0 to 70
28 Ld SSOP
M28.209
HIN241IA
-40 to 85
28 Ld SSOP
M28.209
NOTE: Many of the surface mount devices are available on tape and
reel; add -T to suffix.
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
Pin Descriptions
PIN
FUNCTION
VCC
Power Supply Input 5V
±10%.
V+
Internally generated positive supply (+10V nominal), HIN231 and HIN239 require +7.5V to +13.2V.
V-
Internally generated negative supply (-10V nominal).
GND
Ground lead. Connect to 0V.
C1+
External capacitor (+ terminal) is connected to this lead.
C1-
External capacitor (- terminal) is connected to this lead.
C2+
External capacitor (+ terminal) is connected to this lead.
C2-
External capacitor (- terminal) is connected to this lead.
TIN
Transmitter Inputs. These leads accept TTL/CMOS levels. An internal 400k
Ω pull-up resistor to V
CC is connected to each lead.
TOUT
Transmitter Outputs. These are RS-232 levels (nominally
±10V).
RIN
Receiver Inputs. These inputs accept RS-232 input levels. An internal 5k
Ω pull-down resistor to GND is connected to each input.
ROUT
Receiver Outputs. These are TTL/CMOS levels.
EN
Enable input. This is an active low input which enables the receiver outputs. With EN = 5V, the outputs are placed in a high
impedance state.
SHUTDOWN
Shutdown Input. With SHUTDOWN = 5V, the charge pump is disabled, the receiver outputs are in a high impedance state
and the transmitters are shut off.
NC
No Connect. No connections are made to these leads.
HIN230 thru HIN241


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn