Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HIN230 Datasheet(PDF) 12 Page - Intersil Corporation

Part No. HIN230
Description  5V Powered RS-232 Transmitters/Receivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIN230 Datasheet(HTML) 12 Page - Intersil Corporation

Back Button HIN230 Datasheet HTML 7Page - Intersil Corporation HIN230 Datasheet HTML 8Page - Intersil Corporation HIN230 Datasheet HTML 9Page - Intersil Corporation HIN230 Datasheet HTML 10Page - Intersil Corporation HIN230 Datasheet HTML 11Page - Intersil Corporation HIN230 Datasheet HTML 12Page - Intersil Corporation HIN230 Datasheet HTML 13Page - Intersil Corporation HIN230 Datasheet HTML 14Page - Intersil Corporation HIN230 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
3-12
TIN
VOL
VOL
tPLH
tPHL
Average Propagation Delay =
tPHL + tPLH
2
OR
RIN
TOUT
OR
ROUT
FIGURE 4. PROPAGATION DELAY DEFINITION
Typical Performance Curves
FIGURE 5. V- SUPPLY VOLTAGE vs VCC , VARYING
CAPACITORS
FIGURE 6. V+, V- OUTPUT VOLTAGE vs LOAD (HIN232)
12
10
8
6
4
2
0
3.5
4.0
4.5
6.0
VCC
5.0
5.5
3.0
0.10
µF
0.47
µF
1
µF
35
|ILOAD| (mA)
V+ (VCC = 4.5V)
V- (VCC = 4.5V)
TA = 25
oC
TRANSMITTER OUTPUTS
OPEN CIRCUIT
30
25
20
15
10
5
0
0
12
10
8
6
4
2
V+ (VCC = 5V)
V- (VCC = 5V)
Test Circuits (HIN232)
FIGURE 7. GENERAL TEST CIRCUIT
FIGURE 8. POWER-OFF SOURCE RESISTANCE
CONFIGURATION
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
C1+
V+
C1-
C2+
C2-
V-
R2IN
T2OUT
VCC
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
GND
+4.5V TO
+5.5V INPUT
3k
T1 OUTPUT
RS-232
±30V INPUT
TTL/CMOS OUTPUT
TTL/CMOS INPUT
TTL/CMOS INPUT
TTL/CMOS OUTPUT
+
-
1
µF
C3
+
-
1
µF
C1
+
-
1
µF
C2
1
µF C4
3k
OUTPUT
RS-232
±30V INPUT
T2
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
C1+
V+
C1-
C2+
C2-
V-
R2IN
T2OUT
VCC
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
GND
T2OUT
T1OUT
VIN = ±2V
A
ROUT = VIN/1
HIN230 thru HIN241


Similar Part No. - HIN230

ManufacturerPart No.DatasheetDescription
Intersil Corporation
Intersil Corporation
HIN232 INTERSIL-HIN232 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
Renesas Technology Corp
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
Intersil Corporation
Intersil Corporation
HIN232A INTERSIL-HIN232A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
HIN232A INTERSIL-HIN232A Datasheet
245Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
More results

Similar Description - HIN230

ManufacturerPart No.DatasheetDescription
Intersil Corporation
Intersil Corporation
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
Renesas Technology Corp
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
Intersil Corporation
Intersil Corporation
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
Renesas Technology Corp
Renesas Technology Corp
HIN232A RENESAS-HIN232A Datasheet
494Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
Intersil Corporation
Intersil Corporation
HIN232A INTERSIL-HIN232A_06 Datasheet
245Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
Renesas Technology Corp
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
Intersil Corporation
Intersil Corporation
HIN202 INTERSIL-HIN202 Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz