Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HIN230 Datasheet(PDF) 5 Page - Intersil Corporation

Part No. HIN230
Description  5V Powered RS-232 Transmitters/Receivers
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HIN230 Datasheet(HTML) 5 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
3-5
HIN234 (SOIC)
TOP VIEW
HIN235 (PDIP)
TOP VIEW
Pinouts (Continued)
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
T1OUT
T2OUT
T2IN
T1IN
GND
V+
C1+
T3OUT
T4IN
T3IN
V-
C2-
C2+
C1-
T4OUT
VCC
1
2
3
4
5
6
7
8
9
10
11
12
T4OUT
T3OUT
T1OUT
T2OUT
R2IN
R2OUT
T2IN
T1IN
R1OUT
R1IN
GND
VCC
16
17
18
19
20
21
22
23
24
15
14
13
R3IN
T5IN
SHUTDOWN
EN
T5OUT
R4OUT
T3IN
R5OUT
R5IN
R3OUT
R4IN
T4IN
6
VCC
+5V TO 10V
VOLTAGE DOUBLER
+10V TO -10V
VOLTAGE INVERTER
T1OUT
T2OUT
T3OUT
T4OUT
T4IN
T1IN
T2IN
T3IN
T1
T2
T3
T4
+5V
+
1
µF
+
1
µF
+
1
µF
4
3
1
2
13
16
14
15
7
9
8
12
V+
V-
C1+
C1-
C2+
C2-
+5V
400k
+5V
400k
+5V
400k
+5V
400k
+
1
µF
10
11
5
12
VCC
T1OUT
T1IN
T1
+5V
+
0.1
µF
6
2
3
18
1
19
24
10
400k
13
14
R1OUT
R1IN
R1
4
5
R2OUT
R2IN
R2
23
22
R3OUT
R3IN
R3
16
17
21
20
+5V
T2OUT
T2IN
+5V
T3OUT
T3IN
+5V
T4OUT
T4IN
+5V
T5OUT
T5IN
+5V
400k
400k
400k
400k
T2
T3
T4
T5
GND
9
R4IN
R5IN
R4
R5
11
15
7
8
R4OUT
R5OUT
EN
SHUTDOWN
5k
5k
5k
5k
5k
HIN230 thru HIN241


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn