Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC2714T Datasheet(PDF) 5 Page - NEC

Part No. UPC2714T
Description  1.8 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC2714T Datasheet(HTML) 5 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
UPC2714T, UPC2715T
FREQUENCY
S11
S21
S12
S22
K1
S21
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.10
0.123
-169.9
3.6
-6.4
0.069
-12.0
0.190
13.3
2.04
11.2
0.20
0.133
167.3
3.7
-19.2
0.061
-24.5
0.266
8.7
2.17
11.3
0.30
0.139
150.5
3.7
-30.6
0.056
-32.7
0.326
2.9
2.25
11.4
0.40
0.151
135.1
3.8
-41.8
0.048
-42.9
0.366
-4.0
2.49
11.5
0.50
0.165
120.6
3.8
-53.2
0.040
-48.8
0.394
-11.1
2.86
11.5
0.60
0.176
105.6
3.7
-64.7
0.035
-53.4
0.414
-19.4
3.19
11.4
0.70
0.187
91.5
3.7
-76.3
0.031
-52.7
0.429
-27.3
3.55
11.4
0.80
0.197
77.8
3.7
-87.9
0.025
-51.7
0.436
-35.3
4.36
11.3
0.90
0.205
64.6
3.6
-99.5
0.024
-47.1
0.439
-43.2
4.60
11.1
1.00
0.215
51.9
3.5
-111.1
0.022
-43.5
0.439
-50.6
5.08
11.0
1.10
0.219
39.2
3.4
-122.5
0.023
-38.2
0.432
-58.0
5.00
10.8
1.20
0.225
28.3
3.3
-133.8
0.024
-32.0
0.422
-64.8
4.96
10.5
1.30
0.228
17.3
3.2
-145.0
0.025
-31.8
0.412
-71.4
4.97
10.2
1.40
0.231
6.6
3.1
-156.1
0.026
-31.7
0.400
-77.8
5.01
9.8
1.50
0.231
-2.8
3.0
-166.8
0.028
-31.4
0.387
-83.4
4.90
9.5
1.60
0.232
-12.7
2.9
-177.4
0.029
-34.1
0.374
-88.9
4.97
9.1
1.70
0.231
-21.3
2.7
172.2
0.030
-36.7
0.359
-94.1
5.11
8.7
1.80
0.229
-29.4
2.6
162.0
0.032
-37.1
0.348
-98.5
5.08
8.3
1.90
0.226
-38.0
2.5
151.9
0.033
-40.2
0.335
-103.2
5.20
7.9
2.00
0.223
-44.8
2.4
142.3
0.035
-41.0
0.322
-107.4
5.21
7.5
2.10
0.216
-51.3
2.2
132.3
0.036
-47.1
0.311
-111.5
5.39
7.0
2.20
0.212
-57.8
2.1
122.8
0.037
-49.4
0.298
-115.3
5.57
6.6
2.30
0.208
-63.4
2.0
113.7
0.039
-52.7
0.287
-118.9
5.61
6.2
2.40
0.204
-68.2
1.9
104.6
0.040
-58.2
0.276
-122.2
5.81
5.7
2.50
0.201
-72.9
1.8
95.6
0.041
-58.7
0.270
-125.7
5.97
5.3
FREQUENCY
S11
S21
S12
S22
K1
S21
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.10
0.052
33.7
7.7
-8.4
0.031
-7.8
0.254
8.1
2.07
17.7
0.20
0.087
21.3
7.8
-25.7
0.028
-12.6
0.279
3.6
2.20
17.8
0.30
0.121
9.5
7.9
-40.9
0.025
-17.8
0.311
-1.0
2.35
17.9
0.40
0.141
-2.1
7.9
-55.9
0.022
-20.3
0.351
-6.4
2.54
18.0
0.50
0.159
-12.4
7.9
-69.5
0.020
-21.2
0.383
-13.0
2.68
18.0
0.60
0.175
-27.8
7.7
-84.9
0.019
-19.7
0.409
-21.3
2.79
17.7
0.70
0.181
-40.7
7.4
-98.4
0.019
-15.7
0.426
-30.2
2.82
17.4
0.80
0.184
-52.3
7.2
-112.0
0.019
-13.3
0.432
-39.1
2.87
17.2
0.90
0.187
-66.1
6.9
-125.6
0.020
-12.3
0.432
-48.1
2.83
16.8
1.00
0.187
-78.4
6.6
-138.9
0.021
-11.2
0.426
-56.3
2.85
16.4
1.10
0.186
-89.3
6.3
-150.8
0.022
-11.6
0.412
-64.2
2.87
16.0
1.20
0.182
-101.5
6.1
-162.7
0.023
-12.1
0.394
-71.2
2.93
15.6
1.30
0.178
-113.8
5.7
-174.5
0.024
-14.5
0.377
-77.5
3.06
15.0
1.40
0.173
-125.4
5.3
174.3
0.025
-16.3
0.359
-83.4
3.22
14.4
1.50
0.167
-137.1
4.9
163.7
0.026
-18.3
0.343
-88.3
3.35 `
13.9
1.60
0.163
-148.4
4.6
153.2
0.027
-20.6
0.328
-93.1
3.53
13.2
1.70
0.157
-160.0
4.2
143.1
0.028
-22.2
0.315
-97.2
3.72
12.5
1.80
0.152
-171.6
3.9
133.2
0.029
-23.9
0.306
-100.8
3.90
11.9
1.90
0.148
176.8
3.7
123.5
0.030
-25.6
0.296
-104.7
4.07
11.3
2.00
0.142
164.7
3.4
114.5
0.031
-27.1
0.286
-108.9
4.28
10.6
Note:
1. K factor calculations:
K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
∆ = S11 S22 - S21 S12
VCC = 3.4 V, ICC = 4.5 mA
VCC = 3.4 V, ICC = 4.5 mA
UPC2714T
UPC2715T


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn