Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC2714T Datasheet(PDF) 4 Page - NEC

Part No. UPC2714T
Description  1.8 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo NEC - NEC

UPC2714T Datasheet(HTML) 4 Page - NEC

  UPC2714T Datasheet HTML 1Page - NEC UPC2714T Datasheet HTML 2Page - NEC UPC2714T Datasheet HTML 3Page - NEC UPC2714T Datasheet HTML 4Page - NEC UPC2714T Datasheet HTML 5Page - NEC UPC2714T Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Frequency, f (GHz)
-50
-40
-30
-20
-10
10
0
-10
-20
-30
-40
-40˚ C
85˚ C
-20˚ C
TA = 25˚C
VCC = 3.4 V
f = 0.5 GHZ
TYPICAL PERFORMANCE CURVES (TA = 25°C)
10
0
-10
-20
-30
-50
-40
-30
-20
-10
0
TA = 85˚C
TA = 25˚C
TA = 40˚C
TA = 40˚C
TA = 85˚C
VCC = 3.4 V
f = 0.5 GHz
UPC2714T
OUTPUT POWER vs.
INPUT POWER AND TEMPERATURE
-50
-40
-30
-20
-10
10
0
-10
-20
-30
-40
f = 0.5 GHZ
3.74 V
3.06 V
VCC = 3.4 V
UPC2714T
OUTPUT POWER vs.
INPUT POWER AND VOLTAGE
Input Power, PIN (dBm)
Input Power, PIN (dBm)
Input Power, PIN (dBm)
Input Power, PIN (dBm)
0
0.5
1.0
1.5
2.0
7
6
5
4
3
UPC2714T
UPC2715T
NOISE FIGURE vs. FREQUENCY
UPC2714T, UPC2715T
IN
OUT
VCC
1000 pF
1000 pF
1000 pF
2, 3, 5
50
C1
1
6
4
C2
C3
50
TEST CIRCUIT
UPC2715T
OUTPUT POWER vs.
INPUT POWER AND TEMPERATURE
UPC2715T
OUTPUT POWER vs.
INPUT POWER AND VOLTAGE
10
0
-10
-20
-30
f = 0.5 GHZ
3.74 V
VCC = 3.4 V
3.06 V
-50
-40
-30
-20
-10
0


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn