Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC2714T Datasheet(PDF) 3 Page - NEC

Part No. UPC2714T
Description  1.8 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo NEC - NEC

UPC2714T Datasheet(HTML) 3 Page - NEC

  UPC2714T Datasheet HTML 1Page - NEC UPC2714T Datasheet HTML 2Page - NEC UPC2714T Datasheet HTML 3Page - NEC UPC2714T Datasheet HTML 4Page - NEC UPC2714T Datasheet HTML 5Page - NEC UPC2714T Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25°C, VCC = 3.4 V)
UPC2714T
ISOLATION vs. FREQUENCY
Frequency, f (GHz)
0.1
0.3
1.0
2.0
0
-10
-20
-30
-40
RLout
RLin
0.1
0.3
1.0
2.0
-10
-20
-30
-
40
0.1
0.3
1.0
2.0
0
-10
-20
-30
-40
Frequency, f (GHz)
UPC2715T
POWER vs. FREQUENCY
UPC2714T
POWER vs. FREQUENCY
0
0.5
1.0
1.5
2.0
5
0
-5
-10
-15
-20
X
PSAT
P1dB
X
0
0.5
1.0
1.5
2.0
5
0
-5
-10
-15
-20
PSAT
P1dB
X
X
Frequency, f (GHz)
Frequency, f (GHz)
Frequency, f (GHz)
Frequency, f (GHz)
UPC2714T
INPUT RETURN LOSS AND
OUTPUT RETURN LOSS vs. FREQUENCY
0.1
0.3
1.0
2.0
10
0
-10
-20
-30
-40
RLin
RLout
UPC2715T
INPUT RETURN LOSS AND
OUTPUT RETURN LOSS vs. FREQUENCY
UPC2714T, UPC2715T
UPC2715T
ISOLATION vs. FREQUENCY
X: Typical SSB Third Order Intercept Point
X: Typical SSB Third Order Intercept Point


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn