Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC2713T Datasheet(PDF) 4 Page - NEC

Part No. UPC2713T
Description  1.2 GHz LOW NOISE WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC2713T Datasheet(HTML) 4 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TYPICAL SCATTERING PARAMETERS (TA = 25° C)
VCC = 5 V, ICC = 12 mA
UPC2713T
0.10
0.350
-21.8
21.9
-8.1
0.006
25.6
0.286
-10.3
3.07
26.8
0.20
0.290
-33.1
22.0
-25.3
0.006
24.9
0.298
-16.1
3.17
26.9
0.30
0.243
-41.7
22.1
-37.3
0.007
23.7
0.313
-25.6
2.77
26.9
0.40
0.207
-47.3
22.3
-48.6
0.007
22.4
0.327
-35.2
2.78
27.0
0.50
0.185
-50.5
22.4
-60.0
0.007
21.6
0.336
-45.4
2.78
27.0
0.60
0.176
-54.0
22.6
-72.7
0.008
20.1
0.348
-56.9
2.41
27.1
0.70
0.161
-57.5
22.8
-85.7
0.008
19.0
0.359
-69.0
2.39
27.1
0.80
0.148
-60.2
22.9
-100.7
0.009
18.3
0.366
-82.9
2.13
27.2
0.90
0.127
-63.9
22.8
-114.8
0.009
17.2
0.366
-96.8
2.15
27.2
1.00
0.111
-62.9
22.3
-132.0
0.009
16.4
0.359
-111.8
2.23
27.0
1.10
0.097
-56.5
21.6
-147.6
0.010
15.7
0.343
-126.8
2.12
26.7
1.20
0.095
-48.2
20.6
-163.1
0.010
14.4
0.320
-142.3
2.24
26.3
1.30
0.098
-40.1
18.9
-177.8
0.010
13.1
0.291
-156.6
2.47
25.5
1.40
0.110
-35.7
17.6
168.3
0.010
12.0
0.263
-171.7
2.68
24.9
1.50
0.129
-34.6
15.6
154.8
0.011
11.8
0.234
174.3
2.77
23.9
1.60
0.145
-36.2
14.2
142.7
0.012
11.2
0.208
160.8
2.81
23.0
1.70
0.161
-40.0
12.6
130.5
0.013
10.8
0.185
147.1
2.92
22.0
1.80
0.179
-44.7
11.4
120.9
0.014
9.8
0.164
132.6
3.02
21.1
1.90
0.191
-50.3
10.2
110.1
0.015
7.5
0.148
119.5
3.15
20.1
2.00
0.197
-56.1
9.3
100.8
0.016
5.5
0.137
107.4
3.23
19.4
UPC2713T
Note:
1. K factor calculations:
FREQUENCY
S11
S21
S12
S22
K1
S21
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
∆ = S11 S22 - S21 S12
K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn