Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC2713T Datasheet(PDF) 3 Page - NEC

Part No. UPC2713T
Description  1.2 GHz LOW NOISE WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPC2713T Datasheet(HTML) 3 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Frequency, f (GHz)
OUTPUT POWER vs.
INPUT POWER AND VOLTAGE
NOISE FIGURE vs. FREQUENCY
Input Power, PIN (dBm)
OUTPUT POWER vs.
INPUT POWER AND TEMPERATURE
Input Power, PIN (dBm)
UPC2713T
TYPICAL PERFORMANCE CURVES (TA = 25° C)
POWER vs. FREQUENCY
Frequency, f (GHz)
ISOLATION vs. FREQUENCY
Frequency, f (GHz)
X: Typical SSB Third Order Intercept Point
-60
-50
-40
-30
-20
-10
0
10
10
5
0
-5
-10
-15
-20
-25
f = 0.5 GHZ
VCC = 5.5 V
VCC = 4.5 V
VCC = 5.0 V
-60
-50
-40
-30
-20
-10
0
10
10
5
0
-5
-10
-15
-20
-25
VCC = 5.0 V
f = 0.5 GHZ
TA = 85˚ C
TA = -40 ˚C
TA = 25˚ C
TA = 85˚ C
TA = -40 ˚C
TA = 25˚ C
0
0.5
1.0
1.5
6
5
4
3
2
0.1
0.3
1.0
3.0
0
-10
-20
-30
-40
VCC = 5.0V
0
0.5
1.0
1.5
2.0
10
5
0
-5
-10
-15
PSAT
P1dB
X
X


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn