Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG227V Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SG227V
Description  PWB diredct mount type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SG227V Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SG227V Datasheet HTML 1Page - KODENSHI_AUK CORP. SG227V Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KODENSHI
- 1-
SG-227V
Photointerrupters(Transmissive)
Forward voltage
Input
Reverse current
Peak wavelength
Output
Collector dark current
Light current
Transmission
Leakage current
C-E saturation voltage
Rise time
Fall time
The SG–227V photointerrupter high–performance
standard type,combines high–output GaAs IRED with
high sensitive phototransistor.
FEATURES
•PWB direct mount type
•GAP :1.2mm
•With the installation positioning boss
•Low–boy type(installation height:4.0mm )
APPLICATIONS
•Cameras
•Video camera
•Digital camera
•Mini printers
DIMENSIONS
(Unit : mm)
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
IF=20mA
VR=5V
IF =20mA
VCE=10V
IF=10mA, VCE=5V,(Non
–shading)
IF=10mA, VCE=5V,(shading)
IF=10mA, IC=0.03mA
VCC=5V, IC=0.1mA,RL=1KΩ
Item
Typ.
1.2
940
1
0.5
0.15
50
50
VF
IR
λp
ICEO
Ic
ICEOD
VCE(sat)
tr
tf
0.3
1.4
10
100
3
10
0.4
V
μA
nm
nA
mA
μA
V
μsec.
μsec.
Symbol
Conditions
Min.
Max.
Unit.
Rating
Symbol
Item
MAXIMUM RATINGS
PD
IF
VR
IFP
PC
IC
VCEO
VECO
Topr.
Tstg.
Tsol.
75
50
5
0.5
75
20
30
5
-20~+85
-30~+100
260
mW
mA
V
A
mW
mA
V
V
Unit
(Ta=25℃)
*1. pulse width :tw≦100 μ
sec.period :T=10msec.
*2. No icebound or dew
*3. For MAX.5 seconds at the position of 1mm from the package
Power dissipation
Forward current
Reverse voltage
Pulse forward current
*1
Collector power dissipation
Collector current
C-E voltage
E-C voltage
Operating temp.*2
Storage temp.*2
Soldering temp.
*3
Input
Output


Similar Part No. - SG227V

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG220 KODENSHI-SG220 Datasheet
89Kb / 2P
   PHOTO INTERRUPTERS
logo
AMETHERM Circuit Protec...
SG220 AMETHERM-SG220 Datasheet
359Kb / 1P
   SURGE-GARD INRUSH CURRENT LIMITER
logo
KODENSHI_AUK CORP.
SG222V2 KODENSHI-SG222V2 Datasheet
124Kb / 2P
   Photointerrupters
SG223 KODENSHI-SG223 Datasheet
102Kb / 2P
   PHOTO INTERRUPTERS
SG226 KODENSHI-SG226 Datasheet
97Kb / 2P
   PHOTOINTERRUPTERS
More results

Similar Description - SG227V

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG215 KODENSHI-SG215 Datasheet
704Kb / 1P
   PWB diredct mount type
SG233 KODENSHI-SG233 Datasheet
898Kb / 2P
   PWB diredct mount type
SG2C02 KODENSHI-SG2C02 Datasheet
152Kb / 3P
   PWB direct mount type
SG2C05 KODENSHI-SG2C05 Datasheet
163Kb / 3P
   PWB direct mount type
SG282 KODENSHI-SG282 Datasheet
155Kb / 2P
   PWB direct mount type
SG288 KODENSHI-SG288 Datasheet
263Kb / 2P
   PWB direct mount type
SG2C11 KODENSHI-SG2C11 Datasheet
154Kb / 2P
   PWB direct mount type
LG226L KODENSHI-LG226L Datasheet
149Kb / 2P
   PWB direct mount type
SG2C09-S KODENSHI-SG2C09-S Datasheet
166Kb / 3P
   PWB direct mount type
SG2C10 KODENSHI-SG2C10 Datasheet
167Kb / 3P
   PWB direct mount type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com