Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF4002 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4002
Description  Phase Detector/Frequency Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4002 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4002_15 Datasheet HTML 4Page - Analog Devices ADF4002_15 Datasheet HTML 5Page - Analog Devices ADF4002_15 Datasheet HTML 6Page - Analog Devices ADF4002_15 Datasheet HTML 7Page - Analog Devices ADF4002_15 Datasheet HTML 8Page - Analog Devices ADF4002_15 Datasheet HTML 9Page - Analog Devices ADF4002_15 Datasheet HTML 10Page - Analog Devices ADF4002_15 Datasheet HTML 11Page - Analog Devices ADF4002_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADF4002
Data Sheet
Rev. C | Page 8 of 20
THEORY OF OPERATION
REFERENCE INPUT SECTION
The reference input stage is shown in Figure 10. SW1 and SW2
are normally closed switches. SW3 is normally open. When
power-down is initiated, SW3 is closed and SW1 and SW2 are
opened. This ensures that there is no loading of the REFIN pin
on power-down.
100kΩ
NC
REFIN
NC
NO
SW1
SW2
BUFFER
SW3
TO R COUNTER
POWER-DOWN
CONTROL
Figure 10. Reference Input Stage
RF INPUT STAGE
The RF input stage is shown in Figure 11. It is followed by a
2-stage limiting amplifier to generate the CML clock levels
needed for the N counter.
500Ω
1.6V
500Ω
AGND
BIAS
GENERATOR
RFINA
RFINB
AVDD
Figure 11. RF Input Stage
N COUNTER
The N CMOS counter allows a wide ranging division ratio in
the PLL feedback counter. Division ratios from 1 to 8191 are
allowed.
N and R Relationship
The N counter makes it possible to generate output frequencies
that are spaced only by the reference frequency divided by R.
The equation for the VCO frequency is
R
f
N
f
REFIN
VCO
×
=
where:
fVCO is the output frequency of external voltage controlled
oscillator (VCO).
N is the preset divide ratio of binary 13-bit counter (1 to 8191).
fREFIN is the external reference frequency oscillator.
TO PFD
FROM RF
INPUT STAGE
FROM N
COUNTER LATCH
13-BIT N
COUNTER
Figure 12. N Counter
R COUNTER
The 14-bit R counter allows the input reference frequency to be
divided down to produce the reference clock to the phase
frequency detector (PFD). Division ratios from 1 to 16,383 are
allowed.
PHASE FREQUENCY DETECTOR (PFD) AND
CHARGE PUMP
The PFD takes inputs from the R counter and N counter and
produces an output proportional to the phase and frequency
difference between them. Figure 13 is a simplified schematic.
The PFD includes a programmable delay element that controls
the width of the antibacklash pulse. This pulse ensures that
there is no dead zone in the PFD transfer function, and
minimizes phase noise and reference spurs. Two bits in the
reference counter latch (ABP2 and ABP1) control the width of
the pulse. See Figure 16 for details. The smallest antibacklash
pulse width is not recommended.
HI
HI
D1
D2
Q1
Q2
CLR1
CLR2
CP
U1
U2
UP
DOWN
ABP2
ABP1
CPGND
U3
R DIVIDER
PROGRAMMABLE
DELAY
N DIVIDER
VP
CHARGE
PUMP
Figure 13. PFD Simplified Schematic and Timing (In Lock)


Similar Part No. - ADF4002_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4002BCPZ AD-ADF4002BCPZ Datasheet
444Kb / 24P
   Phase Detector/Frequency Synthesizer
REV. 0
ADF4002BCPZ-RL AD-ADF4002BCPZ-RL Datasheet
444Kb / 24P
   Phase Detector/Frequency Synthesizer
REV. 0
ADF4002BCPZ-RL7 AD-ADF4002BCPZ-RL7 Datasheet
444Kb / 24P
   Phase Detector/Frequency Synthesizer
REV. 0
ADF4002BRUZ AD-ADF4002BRUZ Datasheet
444Kb / 24P
   Phase Detector/Frequency Synthesizer
REV. 0
ADF4002BRUZ-RL AD-ADF4002BRUZ-RL Datasheet
444Kb / 24P
   Phase Detector/Frequency Synthesizer
REV. 0
More results

Similar Description - ADF4002_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4002 AD-ADF4002 Datasheet
444Kb / 24P
   Phase Detector/Frequency Synthesizer
REV. 0
logo
LANSDALE Semiconductor ...
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Motorola, Inc
MC1451591 MOTOROLA-MC1451591 Datasheet
225Kb / 12P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159 Datasheet
1Mb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MC145159-1 MOTOROLA-MC145159-1 Datasheet
287Kb / 10P
   Serial Input PLL Frequency Synthesizer with Analog Phase Detector
MC145159 MOTOROLA-MC145159 Datasheet
288Kb / 10P
   Serial Input PLL Frequency Synthesizer with analog phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159_08 Datasheet
434Kb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MCH12140 MOTOROLA-MCH12140 Datasheet
71Kb / 4P
   PHASE-FREQUENCY DETECTOR
logo
LANSDALE Semiconductor ...
ML4344 LANSDALE-ML4344 Datasheet
6Mb / 5P
   Phase Frequency Detector
ML12040 LANSDALE-ML12040_05 Datasheet
2Mb / 5P
   Phase-Frequency Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com