Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF4002 Datasheet(PDF) 5 Page - Analog Devices

Part # ADF4002
Description  Phase Detector/Frequency Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4002 Datasheet(HTML) 5 Page - Analog Devices

  ADF4002_15 Datasheet HTML 1Page - Analog Devices ADF4002_15 Datasheet HTML 2Page - Analog Devices ADF4002_15 Datasheet HTML 3Page - Analog Devices ADF4002_15 Datasheet HTML 4Page - Analog Devices ADF4002_15 Datasheet HTML 5Page - Analog Devices ADF4002_15 Datasheet HTML 6Page - Analog Devices ADF4002_15 Datasheet HTML 7Page - Analog Devices ADF4002_15 Datasheet HTML 8Page - Analog Devices ADF4002_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
ADF4002
Rev. C | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
AVDD to GND1
−0.3 V to +3.6 V
AVDD to DVDD
−0.3 V to +0.3 V
VP to GND
−0.3 V to +5.8 V
VP to AVDD
−0.3 V to +5.8 V
Digital I/O Voltage to GND
−0.3 V to VDD + 0.3 V
Analog I/O Voltage to GND
−0.3 V to VP + 0.3 V
REFIN, RFINA, RFINB to GND
−0.3 V to VDD + 0.3 V
RFINA to RFINB
±320 mV
Operating Temperature Range
Industrial (B Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +125°C
Maximum Junction Temperature
150°C
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Transistor Count
CMOS
6425
Bipolar
303
1
GND = AGND = DGND = 0 V.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
This device is a high performance RF integrated circuit with an
ESD rating of <2 kV, and it is ESD sensitive. Proper precautions
should be taken for handling and assembly.
THERMAL CHARACTERISTICS
Table 4. Thermal Impedance
Package Type
θJA
Unit
TSSOP
150.4
°C/W
LFCSP
122
°C/W
ESD CAUTION


Similar Part No. - ADF4002_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4002BCPZ AD-ADF4002BCPZ Datasheet
444Kb / 24P
   Phase Detector/Frequency Synthesizer
REV. 0
ADF4002BCPZ-RL AD-ADF4002BCPZ-RL Datasheet
444Kb / 24P
   Phase Detector/Frequency Synthesizer
REV. 0
ADF4002BCPZ-RL7 AD-ADF4002BCPZ-RL7 Datasheet
444Kb / 24P
   Phase Detector/Frequency Synthesizer
REV. 0
ADF4002BRUZ AD-ADF4002BRUZ Datasheet
444Kb / 24P
   Phase Detector/Frequency Synthesizer
REV. 0
ADF4002BRUZ-RL AD-ADF4002BRUZ-RL Datasheet
444Kb / 24P
   Phase Detector/Frequency Synthesizer
REV. 0
More results

Similar Description - ADF4002_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4002 AD-ADF4002 Datasheet
444Kb / 24P
   Phase Detector/Frequency Synthesizer
REV. 0
logo
LANSDALE Semiconductor ...
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Motorola, Inc
MC1451591 MOTOROLA-MC1451591 Datasheet
225Kb / 12P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159 Datasheet
1Mb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MC145159-1 MOTOROLA-MC145159-1 Datasheet
287Kb / 10P
   Serial Input PLL Frequency Synthesizer with Analog Phase Detector
MC145159 MOTOROLA-MC145159 Datasheet
288Kb / 10P
   Serial Input PLL Frequency Synthesizer with analog phase Detector
logo
LANSDALE Semiconductor ...
ML145159 LANSDALE-ML145159_08 Datasheet
434Kb / 10P
   Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
logo
Motorola, Inc
MCH12140 MOTOROLA-MCH12140 Datasheet
71Kb / 4P
   PHASE-FREQUENCY DETECTOR
logo
LANSDALE Semiconductor ...
ML4344 LANSDALE-ML4344 Datasheet
6Mb / 5P
   Phase Frequency Detector
ML12040 LANSDALE-ML12040_05 Datasheet
2Mb / 5P
   Phase-Frequency Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com