Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADE7753 Datasheet(PDF) 34 Page - Analog Devices

Part # ADE7753
Description  Single-Phase Multifunction Metering IC with di/dt Sensor Interface
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7753 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADE7753_15 Datasheet HTML 30Page - Analog Devices ADE7753_15 Datasheet HTML 31Page - Analog Devices ADE7753_15 Datasheet HTML 32Page - Analog Devices ADE7753_15 Datasheet HTML 33Page - Analog Devices ADE7753_15 Datasheet HTML 34Page - Analog Devices ADE7753_15 Datasheet HTML 35Page - Analog Devices ADE7753_15 Datasheet HTML 36Page - Analog Devices ADE7753_15 Datasheet HTML 37Page - Analog Devices ADE7753_15 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
ADE7753
Rev. C | Page 34 of 60
90°. The resulting waveform is called the instantaneous reactive
power signal. Equation 25 gives an expression for the instanta-
neous reactive power signal in an ac system when the phase of
the current channel is shifted by +90°.
The average reactive power over an integral number of lines (n)
is given in Equation 26.
v(t) =
)
sin(
2
θ
+
ωt
V
(23)
=
=
nT
VI
dt
t
Rp
nT
RP
0
)
sin(
)
(
1
θ
(26)
i(t) =
)
sin(
2
t
I
ω
π
+
ω
=
2
sin
2
)
(
t
I
t
i
(24)
where:
T is the line cycle period.
RP is referred to as the reactive power.
Note that the reactive power is equal to the dc component of the
instantaneous reactive power signal Rp(t) in Equation 25. This
is the relationship used to calculate reactive power in the
ADE7753. The instantaneous reactive power signal Rp(t) is
generated by multiplying Channel 1 and Channel 2. In this case,
the phase of Channel 1 is shifted by +90°. The dc component of
the instantaneous reactive power signal is then extracted by a
low-pass filter in order to obtain the reactive power informa-
tion. Figure 71 shows the signal processing in the reactive
power calculation in the ADE7753.
where:
θ is the phase difference between the voltage and current
channel.
V is the rms voltage.
I is the rms current.
Rp(t) = v(t) × i’(t)
(25)
Rp(t) = VI sin (θ) + VI sin(2ωt + θ)
ZERO-CROSSING
DETECTION
MULTIPLIER
+
+
LVARENERGY [23:0]
ACCUMULATE REACTIVE
ENERGY IN INTERNAL
REGISTER AND UPDATE
THE LVARENERGY REGISTER
AT THE END OF LINECYC HALF
LINE CYCLES
INSTANTANEOUS REACTIVE
POWER SIGNAL (Rp(t))
23
0
49
0
02875-0-070
LPF1
FROM
CHANNEL 2
ADC
LINECYC [15:0]
LPF2
CALIBRATION
CONTROL
π
2
V
I
90 DEGREE
PHASE SHIFT
Figure 71. Reactive Power Signal Processing


Similar Part No. - ADE7753_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7753 AD-ADE7753_10 Datasheet
725Kb / 60P
   Single-Phase Multifunction Metering IC with di/dt Sensor Interface
REV. C
More results

Similar Description - ADE7753_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7753 AD-ADE7753_10 Datasheet
725Kb / 60P
   Single-Phase Multifunction Metering IC with di/dt Sensor Interface
REV. C
ADE7759 AD-ADE7759 Datasheet
530Kb / 32P
   Active Energy Metering IC with di/dt Sensor Interface
REV. 0
ADE7759 AD-ADE7759_15 Datasheet
466Kb / 36P
   Active Energy Metering IC with di/dt Sensor Interface
REV. A
ADE7753 AD-ADE7753 Datasheet
449Kb / 37P
   Active and Apparent Energy Metering IC with di/dt sensor interface
REV. PrF 10/02
logo
Sames
SA9903B SAMES-SA9903B_17 Datasheet
530Kb / 17P
   Single Phase Multifunction Energy Metering IC
logo
Analog Devices
ADE7953 AD-ADE7953 Datasheet
804Kb / 68P
   Single Phase, Multifunction Metering IC with Neutral Current Measurement
REV. A
logo
Sames
SA9904B SAMES-SA9904B_17 Datasheet
552Kb / 18P
   Three Phase Multifunction Energy Metering IC
logo
Analog Devices
ADE7758 AD-ADE7758 Datasheet
1Mb / 68P
   Poly Phase Multifunction Energy Metering IC with Per Phase Information
REV. A
ADE7758 AD-ADE7758_15 Datasheet
979Kb / 72P
   Poly Phase Multifunction Energy Metering IC with Per Phase Information
Rev. E
logo
Sames
SA9103C SAMES-SA9103C Datasheet
251Kb / 16P
   SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com