Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HI5662 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. HI5662
Description  Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5662 Datasheet(HTML) 3 Page - Intersil Corporation

  HI5662 Datasheet HTML 1Page - Intersil Corporation HI5662 Datasheet HTML 2Page - Intersil Corporation HI5662 Datasheet HTML 3Page - Intersil Corporation HI5662 Datasheet HTML 4Page - Intersil Corporation HI5662 Datasheet HTML 5Page - Intersil Corporation HI5662 Datasheet HTML 6Page - Intersil Corporation HI5662 Datasheet HTML 7Page - Intersil Corporation HI5662 Datasheet HTML 8Page - Intersil Corporation HI5662 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
12
Typical Application Schematic
ARE PLACED AS CLOSE
10
µF AND 0.1µF CAPS
QD7
QD6
QD5
QD4
QD3
QD2
QD1
QD0
BNC
CLOCK
10
µF
0.1
µF10µF
+
+
DGND
AGND
(38) VROUT
(40) VRIN
CLK (17)
DGND (9,15,19,25)
(1,33,41) AGND
(LSB) QD0 (22)
QD1 (23)
QD2 (24)
QD3 (27)
QD4 (28)
QD5 (29)
QD6 (30)
(MSB) QD7 (31)
(2,32) AVCC2
(37) AVCC1
DVCC1 (16)
TO PART AS POSSIBLE
0.1
µF
+5V
+5V
0.1
µF
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
(LSB) ID0 (12)
ID1 (11)
ID2 (10)
ID3 (7)
ID4 (6)
ID5 (5)
ID6 (4)
(MSB) ID7 (3)
IIN+
IIN-
(43) IIN-
(42) IIN+
(44) IVDC
0.1
µF10µF
+
DVCC3 (8,26)
+5V or +3V
DVCC2 (18)
(13,14,20,21,39) NC
QIN+
QIN-
(35) QIN-
(36) QIN+
(34) QVDC
HI5662
HI5662


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn