Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HI5662 Datasheet(PDF) 1 Page - Intersil Corporation

Part No. HI5662
Description  Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5662 Datasheet(HTML) 1 Page - Intersil Corporation

  HI5662 Datasheet HTML 1Page - Intersil Corporation HI5662 Datasheet HTML 2Page - Intersil Corporation HI5662 Datasheet HTML 3Page - Intersil Corporation HI5662 Datasheet HTML 4Page - Intersil Corporation HI5662 Datasheet HTML 5Page - Intersil Corporation HI5662 Datasheet HTML 6Page - Intersil Corporation HI5662 Datasheet HTML 7Page - Intersil Corporation HI5662 Datasheet HTML 8Page - Intersil Corporation HI5662 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
10
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999
HI5662
Dual 8-Bit, 60MSPS A/D Converter with
Internal Voltage Reference
The HI5662 is a monolithic, dual 8-Bit, 60MSPS analog-to-
digital converter fabricated in an advanced CMOS process.
It is designed for high speed applications where integration,
bandwidth and accuracy are essential. The HI5662 reaches
a new level of multi-channel integration. The fully pipeline
architecture and an innovative input stage enable the HI5662
to accept a variety of input configurations, single-ended or
fully differential. Only one external clock is necessary to
drive both converters and an internal band-gap voltage
reference is provided. This allows the system designer to
realize an increased level of system integration resulting in
decreased cost and power dissipation.
The HI5662 has excellent dynamic performance while
consuming only 650mW power at 60MSPS. The A/D only
requires a single +5V power supply and encode clock. Data
output latches are provided which present valid data to the
output bus with a latency of 6 clock cycles.
For those customers needing dual channel 10-bit resolution,
please refer to the HI5762. For single channel 10-bit
applications, please refer to the HI5767.
Features
• Sampling Rate . . . . . . . . . . . . . . . . . . . . . . . . . . .60MSPS
• 7.8 Bits at fIN = 10MHz
• Low Power at 60MSPS. . . . . . . . . . . . . . . . . . . . . 650mW
• Wide Full Power Input Bandwidth. . . . . . . . . . . . . 250MHz
• Excellent Channel-to-Channel Isolation . . . . . . . . . >75dB
• On-Chip Sample and Hold Amplifiers
• Internal Band-Gap Voltage Reference . . . . . . . . . . . . 2.5V
• Fully Differential or Single-Ended Analog Inputs
• Single Supply Voltage Operation . . . . . . . . . . . . . . . . +5V
• TTL/CMOS Compatible Digital Inputs
• CMOS Compatible Digital Outputs . . . . . . . . . . . . 3.0/5.0V
• Offset Binary Digital Data Output Format
• Dual 8-Bit A/D Converters on a Monolithic Chip
Applications
• Wireless Local Loop
• PSK and QAM I and Q Demodulators
• Medical Imaging
• High Speed Data Acquisition
Pinout
HI5662
(MQFP)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HI5662/6IN
-40 to 85
44 Ld MQFP
Q44.10x10
HI5662EVAL2
25
Evaluation Platform
1
2
3
4
5
6
7
8
9
10
11
12 13 14 15 16 17
28
27
26
25
24
23
22
21
20
19
18
39 38 37 36 35 34
33
32
31
30
29
44 43 42 41 40
AGND
AVCC2
ID6
ID5
ID4
ID3
DVCC3
DGND
ID2
ID1
ID7
AGND
AVCC2
QD6
QD5
QD4
QD3
DVCC3
DGND
QD2
QD1
QD7
Data Sheet
February 1999
File Number
4317.2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn