Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HI5628 Datasheet(PDF) 2 Page - Intersil Corporation

Part No. HI5628
Description  8-Bit, 165/125/60MSPS, Dual High Speed CMOS D/A Converter
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HI5628 Datasheet(HTML) 2 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Typical Applications Circuit
NOTE: Recommended seperate analog and digital ground planes, connected at a single point near the device. See AN9827.
IOUTB
IOUTA
50
+5V TO +3V (SUPPLY)
0.1
µF
50
10
µF
50
0.1
µF
1.91k
FERRITE
10
µH
+
BEAD
RSET
1
2
3
4
5
6
7
8
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
9
10
11
12
13 14 15 16
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
AVDD
ID4
ID3
ID2
ID1
ID0 (LSB)
QD4
QD3
QD2
QD1
QD0 (LSB)
ICLK/QCLK
DVDD
0.1
µF
DVDD
SLEEP
DVDD
0.1
µF
DVDD
DGND
NC (GROUND)
AVDD
AGND
ICOMP1
0.1
µF
0.1
µF
QOUTA
QOUTB
50
50
0.1
µF
REFIO
QCOMP1
0.1
µF
AVDD
0.1
µF
AVDD
AGND
AVDD
NC (GND)
0.1
µF
DVDD
DGND
DVDD
DGND
DGND
DGND
DGND
ANALOG GROUND
PLANE
DIGITAL GROUND
PLANE
PLANE
AVDD
NOTE: ICOMP1 AND QCOMP1 PINS (24, 14)
MUST BE TIED TOGETHER EXTERNALLY
DVDD
10
µF
0.1
µF
FERRITE
10
µH
BEAD
+5V TO +3V
POWER SUPPLY
(POWER PLANE)
(POWER PLANE)
HI5628


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn