Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HI5628 Datasheet(PDF) 1 Page - Intersil Corporation

Part No. HI5628
Description  8-Bit, 165/125/60MSPS, Dual High Speed CMOS D/A Converter
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HI5628 Datasheet(HTML) 1 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
HI5628
8-Bit, 165/125/60MSPS, Dual High Speed
CMOS D/A Converter
The HI5628 is an 8-bit, dual 125MSPS D/A converter which
is implemented in an advanced CMOS process. Operating
from a single +5V to +3V supply, the converter provides
20.48mA of full scale output current and includes an input
data register. Low glitch energy and excellent frequency
domain performance are achieved using a segmented
architecture. The single DAC version is the HI5660 while
10-bit versions exist in the HI5760 and HI5728. This DAC is
a member of the CommLink™ family of communication
devices.
Contact factory for availability.
Features
• Throughput Rate . . . . . . . . . . . . . . . . . . . . . . . 125MSPS
• Low Power . . . . . . . . . . . . . . 330mW at 5V, 170mW at 3V
• Integral Linearity Error . . . . . . . . . . . . . . . . . . .
±0.25 LSB
• Differential Linearity . . . . . . . . . . . . . . . . . . . . .
±0.25 LSB
• Channel Isolation (Typ). . . . . . . . . . . . . . . . . . . . . . . 80dB
• SFDR to Nyquist at 10MHz Output . . . . . . . . . . . . 60dBc
• Internal 1.2V Bandgap Voltage Reference
• Single Power Supply from +5V to +3V
• CMOS Compatible Inputs
• Excellent Spurious Free Dynamic Range
Applications
• Direct Digital Frequency Synthesis
• Wireless Communications
• Signal Reconstruction
• Arbitrary Waveform Generators
• Test Equipment
• High Resolution Imaging Systems
Pinout
HI5628 (LQFP)
Ordering Information
PART
NUMBER
TEMP.
RANGE
(oC)
PACKAGE
PKG. NO.
MAX
CLOCK
SPEED
HI5628/16IN
-40 to 85 48 Ld LQFP
Q48.7x7A 165MHz
HI5628IN
-40 to 85 48 Ld LQFP
Q48.7x7A 125MHz
HI5628/6IN
-40 to 85 48 Ld LQFP
Q48.7x7A 60MHz
HI5628EVAL1
25
Evaluation Platform
125MHz
1
2
3
4
5
6
7
8
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
9
10
11
12
13 14 15 16
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
QD4
QD3
QD2
QD1
QD0 (LSB)
DGND
DGND
DVDD
DGND
NC
AVDD
AGND
ID4
ID3
ID2
ID1
ID0 (LSB)
SLEEP
DVDD
DGND
NC
AVDD
DGND
DGND
Data Sheet
July 1999
File Number
4520.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999
CommLink™ is a trademark of Intersil Corporation.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn