Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HI5628 Datasheet(PDF) 6 Page - Intersil Corporation

Part No. HI5628
Description  8-Bit, 165/125/60MSPS, Dual High Speed CMOS D/A Converter
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HI5628 Datasheet(HTML) 6 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Reference Input Multiplying Bandwidth
(Note 7)
-
1.4
-
MHz
DIGITAL INPUTS
D7-D0, CLK (Per Channel)
Input Logic High Voltage with
5V Supply, VIH
(Note 3)
3.5
5
-
V
Input Logic High Voltage with
3V Supply, VIH
(Note 3)
2.1
3
-
V
Input Logic Low Voltage with
5V Supply, VIL
(Note 3)
-
0
1.3
V
Input Logic Low Voltage with
3V Supply, VIL
(Note 3)
-
0
0.9
V
Input Logic Current, IIH
-10
-
+10
µA
Input Logic Current, IIL
-10
-
+10
µA
Digital Input Capacitance, CIN
-5-
pF
TIMING CHARACTERISTICS (Per Channel)
Data Setup Time, tSU
See Figure 3 (Note 3)
3
-
-
ns
Data Hold Time, tHLD
See Figure 3 (Note 3)
3
-
-
ns
Propagation Delay Time, tPD
See Figure 3
-
1
-
ns
CLK Pulse Width, tPW1, tPW2
See Figure 3 (Note 3)
4
-
-
ns
POWER SUPPLY CHARACTERISTICS
AVDD Power Supply
(Note 8, 9)
2.7
5.0
5.5
V
DVDD Power Supply
(Note 8, 9)
2.7
5.0
5.5
V
Analog Supply Current (IAVDD)
5V or 3V, IOUTFS = 20mA
-
46
60
mA
5V or 3V, IOUTFS = 2mA
-
8
-
mA
Digital Supply Current (IDVDD)
5V, IOUTFS = Don’t Care (Note 5)
-
6
10
mA
3V, IOUTFS = Don’t Care (Note 5)
-
3
-
mA
Supply Current (IAVDD) Sleep Mode
5V or 3V, IOUTFS = Don’t Care)
-
3.2
6
mA
Power Dissipation (Both Channels)
5V, IOUTFS = 20mA (Note 6)
-
330
-
mW
5V, IOUTFS = 2mA (Notes 6)
-
140
-
mW
3V, IOUTFS = 20mA (Note 6)
-
170
-
mW
3V, IOUTFS = 2mA (Note 6)
-
54
-
mW
5V, IOUTFS = 20mA (Note 10)
-
300
-
mW
3.3V, IOUTFS = 20mA (Note 10)
-
150
-
mW
3V, IOUTFS = 20mA (Note 10)
-
135
-
mW
Power Supply Rejection
Single Supply (Note 7)
-0.2
-
+0.2
%
FSR/V
NOTES:
2. Gain Error measured as the error in the ratio between the full scale output current and the current through RSET (typically 625µA). Ideally the
ratio should be 32.
3. Parameter guaranteed by design or characterization and not production tested.
4. Spectral measurements made with differential transformer coupled output and no filtering.
5. Measured with the clock at 50MSPS and the output frequency at 1MHz, both channels.
6. Measured with the clock at 100MSPS and the output frequency at 40MHz, both channels.
7. See ‘Definition of Specifications’.
8. For operation below 3V, it is recommended that the output current be reduced to 12mA or less to maintain optimum performance. DVDD and
AVDD do not have to be equal.
9. For operation above 125MHz, it is recommended that the power supply be 3.3V or greater. The part is functional with the clock above 125MSPS
and the power supply below 3.3V, but performance is degraded. (Valid for 165MHz version only).
10. Measured with the clock at 60MSPS and the output frequency at 10MHz, both channels.
Electrical Specifications
AVDD = +5V, DVDD = +5V, VREF = Internal 1.2V, IOUTFS = 20mA, TA =25
oC for All Typical Values. Data given
is per channel except for ‘Power Supply Characteristics.’ (Continued)
PARAMETER
TEST CONDITIONS
HI5628IN
TA = -40
oC TO 85oC
UNITS
MIN
TYP
MAX
HI5628


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn