Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HI5628 Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HI5628
Description  8-Bit, 165/125/60MSPS, Dual High Speed CMOS D/A Converter
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HI5628 Datasheet(HTML) 4 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Absolute Maximum Ratings
Thermal Information
Digital Supply Voltage DVDD to DCOM . . . . . . . . . . . . . . . . . +5.5V
Analog Supply Voltage AVDD to ACOM. . . . . . . . . . . . . . . . . +5.5V
Grounds, ACOM TO DCOM . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
Digital Input Voltages (D7-D0, CLK, SLEEP) . . . . . . . . DVDD + 0.3V
Internal Reference Output Current. . . . . . . . . . . . . . . . . . . . .
±50µA
Reference Input Voltage Range . . . . . . . . . . . . . . . . . . AVDD + 0.3V
Analog Output Current (IOUT) . . . . . . . . . . . . . . . . . . . . . . . . . 24mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θJA(oC/W)
LQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
AVDD = +5V, DVDD = +5V, VREF = Internal 1.2V, IOUTFS = 20mA, TA =25
oC for All Typical Values. Data given
is per channel except for ‘Power Supply Characteristics.’
PARAMETER
TEST CONDITIONS
HI5628IN
TA = -40
oC TO 85oC
UNITS
MIN
TYP
MAX
SYSTEM PERFORMANCE (Per Channel)
Resolution
8
-
-
Bits
Integral Linearity Error, INL
“Best Fit” Straight Line (Note 7)
-0.5
±0.25
+0.5
LSB
Differential Linearity Error, DNL
(Note 7)
-0.5
±0.25
+0.5
LSB
Offset Error, IOS
(Note 7)
-0.025
-
+0.025
% FSR
Offset Drift Coefficient
(Note 7)
-
0.1
-
ppm
FSR/oC
Full Scale Gain Error, FSE
With External Reference (Notes 2, 7)
-10
±2
+10
% FSR
With Internal Reference (Notes 2, 7)
-10
±1
+10
% FSR
Full Scale Gain Drifta
With External Reference (Note 7)
-
±50
-
ppm
FSR/oC
With Internal Reference (Note 7)
-
±100
-
ppm
FSR/oC
Gain Matching Between Channels
-0.5
0.1
0.5
dB
I/Q Channel Isolation
FOUT = 10MHz
-
80
-
dB
Output Voltage Compliance Range
(Note 3)
-0.3
-
1.25
V
Full Scale Output Current, IFS
2
-
20
mA
DYNAMIC CHARACTERISTICS (Per Channel)
Clock Rate, fCLK
(Note 3, 9)
125
-
-
MHz
Output Settling Time, (tSETT)
0.8% (
±1 LSB, equivalent to 7 Bits) (Note 7)
-
5
-
ns
0.4% (
±1/2 LSB, equivalent to 8 Bits) (Note 7)
-
15
-
ns
Singlet Glitch Area (Peak Glitch)
RL = 25Ω (Note 7)
-
5
-
pV•s
Output Rise Time
Full Scale Step
-
1.5
-
ns
Output Fall Time
Full Scale Step
-
1.5
-
ns
Output Capacitance
-10-
pF
Output Noise
IOUTFS = 20mA
-
50
-
pA/
√Hz
IOUTFS = 2mA
-
30
-
pA/
√Hz
HI5628


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn