Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2710TB Datasheet(PDF) 12 Page - NEC

Part # UPC2710TB
Description  5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2710TB Datasheet(HTML) 12 Page - NEC

Back Button UPC2710TB Datasheet HTML 8Page - NEC UPC2710TB Datasheet HTML 9Page - NEC UPC2710TB Datasheet HTML 10Page - NEC UPC2710TB Datasheet HTML 11Page - NEC UPC2710TB Datasheet HTML 12Page - NEC UPC2710TB Datasheet HTML 13Page - NEC UPC2710TB Datasheet HTML 14Page - NEC UPC2710TB Datasheet HTML 15Page - NEC UPC2710TB Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Data Sheet P13443EJ2V0DS00
12
µµµµPC2710TB
NOTES ON CORRECT USE
(1) Observe precautions for handling because of electro-static sensitive devices.
(2) Form a ground pattern as wide as possible to minimize ground impedance (to prevent undesired oscillation).
All the ground pins must be connected together with wide ground pattern to decrease impedance difference.
(3) The bypass capacitor should be attached to VCC line.
(4) The inductor must be attached between VCC and output pins. The inductance value should be determined in
accordance with desired frequency.
(5) The DC cut capacitor must be attached to input pin.
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered under the following recommended conditions.
For soldering methods and
conditions other than those recommended below, contact your NEC sales representative.
Soldering Method
Soldering Conditions
Recommended Condition Symbol
Infrared Reflow
Package peak temperature: 235 °C or below
Time: 30 seconds or less (at 210 °C)
Count: 3, Exposure limit: None
Note
IR35-00-3
VPS
Package peak temperature: 215 °C or below
Time: 40 seconds or less (at 200 °C)
Count: 3, Exposure limit: None
Note
VP15-00-3
Wave Soldering
Soldering bath temperature: 260 °C or below
Time: 10 seconds or less
Count: 1, Exposure limit: None
Note
WS60-00-1
Partial Heating
Pin temperature: 300 °C
Time: 3 seconds or less (per side of device)
Exposure limit: None
Note
Note After opening the dry pack, keep it in a place below 25 °C and 65 % RH for the allowable storage period.
Caution
Do not use different soldering methods together (except for partial heating).
For details of recommended soldering conditions for surface mounting, refer to information document
SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL (C10535E).


Similar Part No. - UPC2710TB

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC2710TB CEL-UPC2710TB Datasheet
320Kb / 14P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2710TB CEL-UPC2710TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2710TB CEL-UPC2710TB Datasheet
221Kb / 8P
   5V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
logo
NEC
UPC2710TB NEC-UPC2710TB Datasheet
117Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
UPC2710TB RENESAS-UPC2710TB Datasheet
240Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
More results

Similar Description - UPC2710TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2709TB NEC-UPC2709TB_1 Datasheet
93Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB NEC-UPC2776TB_1 Datasheet
103Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB NEC-UPC2776TB Datasheet
80Kb / 12P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2710TB NEC-UPC2710TB_1 Datasheet
117Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2708TB NEC-UPC2708TB Datasheet
99Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2709TB NEC-UPC2709TB Datasheet
95Kb / 6P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2708TB NEC-UPC2708TB_1 Datasheet
100Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2711TB NEC-UPC2711TB_1 Datasheet
285Kb / 20P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC3210TB NEC-UPC3210TB Datasheet
87Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2711TB NEC-UPC2711TB Datasheet
66Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com