Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2710TB Datasheet(PDF) 4 Page - NEC

Part # UPC2710TB
Description  5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2710TB Datasheet(HTML) 4 Page - NEC

  UPC2710TB Datasheet HTML 1Page - NEC UPC2710TB Datasheet HTML 2Page - NEC UPC2710TB Datasheet HTML 3Page - NEC UPC2710TB Datasheet HTML 4Page - NEC UPC2710TB Datasheet HTML 5Page - NEC UPC2710TB Datasheet HTML 6Page - NEC UPC2710TB Datasheet HTML 7Page - NEC UPC2710TB Datasheet HTML 8Page - NEC UPC2710TB Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet P13443EJ2V0DS00
4
µµµµPC2710TB
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Ratings
Unit
Supply Voltage
VCC
TA = +25°C, Pin 4 and 6
5.8
V
Total Circuit Current
ICC
TA = +25°C
60
mA
Power Dissipation
PD
Mounted on double-sided copper clad
50
× 50 × 1.6 mm epoxy glass PWB
(TA = +85°C)
200
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
Input Power
Pin
TA = +25°C
+10
dBm
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Remark
Supply Voltage
VCC
4.5
5.0
5.5
V
The same voltage should be applied
to pin 4 and 6.
Operating Ambient Temperature
TA
−40
+25
+85
°C
ELECTRICAL CHARACTERISTICS (TA = +25
°°°°C, VCC = Vout = 5.0 V, ZS = ZL = 50 Ω
Ω)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Circuit Current
ICC
No Signal
16
22
29
mA
Power Gain
GP
f = 500 MHz
30
33
36.5
dB
Maximum Output Level
PO(sat)
f = 500 MHz, Pin = –8 dBm
+11.0
+13.5
dBm
Noise Figure
NF
f = 500 MHz
3.5
5.0
dB
Upper Limit Operating Frequency
fu
3 dB down below flat gain at
f = 0.1 GHz
0.7
1.0
GHz
Isolation
ISL
f = 500 MHz
34
39
dB
Input Return Loss
RLin
f = 500 MHz
3
6
dB
Output Return Loss
RLout
f = 500 MHz
9
12
dB
Gain Flatness
∆GP
f = 0.1 to 0.6 GHz
±0.8
dB


Similar Part No. - UPC2710TB

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC2710TB CEL-UPC2710TB Datasheet
320Kb / 14P
   5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2710TB CEL-UPC2710TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2710TB CEL-UPC2710TB Datasheet
221Kb / 8P
   5V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
logo
NEC
UPC2710TB NEC-UPC2710TB Datasheet
117Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
UPC2710TB RENESAS-UPC2710TB Datasheet
240Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
More results

Similar Description - UPC2710TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2709TB NEC-UPC2709TB_1 Datasheet
93Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB NEC-UPC2776TB_1 Datasheet
103Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2776TB NEC-UPC2776TB Datasheet
80Kb / 12P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2710TB NEC-UPC2710TB_1 Datasheet
117Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2708TB NEC-UPC2708TB Datasheet
99Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2709TB NEC-UPC2709TB Datasheet
95Kb / 6P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2708TB NEC-UPC2708TB_1 Datasheet
100Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC2711TB NEC-UPC2711TB_1 Datasheet
285Kb / 20P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC3210TB NEC-UPC3210TB Datasheet
87Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2711TB NEC-UPC2711TB Datasheet
66Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com