Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2302DS-HF-3 Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SI2302DS-HF-3
Description  N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2302DS-HF-3 Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2302DS-HF-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2302DS-HF-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2302DS-HF-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2302DS-HF-3 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
Typical Characterisitics
0.2
0.4
0.6
0.8
1.0
1.2
–0.4
–0.3
–0.2
–0.1
–0.0
0.1
0.2
–50
0
50
100
150
0
0.04
0.08
0.12
0.16
0.20
0
2
4
6
8
e
g
a
tl
o
V
e
c
r
u
o
S
-
o
t-
e
t
a
G
.
s
v
e
c
n
a
t
s
i
s
e
R
-
n
O
e
g
a
tl
o
V
d
r
a
w
r
o
F
e
d
o
i
D
n
i
a
r
D
-
e
c
r
u
o
S
r
e
w
o
P
e
s
l
u
P
e
l
g
n
i
S
e
g
a
tl
o
V
d
l
o
h
s
e
r
h
T
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10–4
10–3
10–2
10–1
1
30
VSD
V
)
V
(
e
g
a
tl
o
V
n
i
a
r
D
-
o
t-
e
c
r
u
o
S
GS – Gate-to-Source Voltage (V)
TJ – Temperature ( C)
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
ID = 3.6 A
ID = 250 A
10
1
10
TJ = 25 C
TJ = 150 C
0.01
0.10
1.00
10.00
Time (sec)
TC = 25 C
Single Pulse
14
12
8
4
0
2
6
10
N-Channel MOSFET
SI2302DS-HF (KI2302DS-HF)


Similar Part No. - SI2302DS-HF-3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SI2302DS-HF KEXIN-SI2302DS-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Similar Description - SI2302DS-HF-3

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com