Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HI2325 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. HI2325
Description  3.3V Dual 8-Bit, 40MSPS A/D Converter with Internal Reference and Digital Clamp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI2325 Datasheet(HTML) 3 Page - Intersil Corporation

  HI2325 Datasheet HTML 1Page - Intersil Corporation HI2325 Datasheet HTML 2Page - Intersil Corporation HI2325 Datasheet HTML 3Page - Intersil Corporation HI2325 Datasheet HTML 4Page - Intersil Corporation HI2325 Datasheet HTML 5Page - Intersil Corporation HI2325 Datasheet HTML 6Page - Intersil Corporation HI2325 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Pin Descriptions
PIN NO.
SYMBOL
I/O
EQUIVALENT CIRCUIT
DESCRIPTION
46, 47, 48, 1- 5
A0 - A7
O
Digital Output. A0(LSB) - A7(MSB)
8 - 15
B0 - B7
O
Digital Output. B0(LSB) - B7(MSB)
6, 7
DVDD
Digital power supply.
16
DVSS
Digital ground.
17
2S/B
I
Pull-down resistors are
incorporated.
Selects output code.
H: 2’s Compliment Code L: Binary Code
18, 19, 20
REF0 ~ 2
I
Pull-down resistors are
incorporated.
Determines the clamp circuit reference data. See the table “Digital
Clamp Reference Level”.
21
TEST
I
Pull-down resistors are
incorporated.
Normally open.
22, 25
DVSS
Digital ground.
22, 25, 36
AVSS
Analog ground.
23
38
BRBS
ARBS
Shorting these pins to AVSS generates voltage of about 0.5V at the
BRB and ARB pins.
24
37
BRB
ARB
Reference voltage (bottom).
29
32
BRT
ART
Reference voltage (top).
30
31
BRTS
ARTS
Shorting these pins to AVDD generates voltage of about 2.5V at the
BRT and ART pins.
26
35
BIO
AIO
O
Analog output. The digital clamp circuit comprises a D/A converter
whose outputs are available on these pins.
27
34
BIN
AIN
I
Analog input.
28, 33, 39
AVDD
Analog power supply.
40
STB
I
Pull-down resistors are
incorporated.
Stand-by input.
H: Stand-by mode L: Operation mode.
41
SEL
I
Pull-down resistors are
incorporated.
Controls the CLP signal polarity.
H: CLP is High active L: CLP is Low active.
42
CLE
I
Pull-down resistors are
incorporated.
Clamp enable input.
H: Enable L: Disable.
43
CLP
I
Pull-down resistors are
incorporated.
Clamp pulse input. The polarity can be set to either High or Low by
setting SEL.
44
CLK
I
Pull-down resistors are
incorporated.
Clock input.
HI2325


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MAX1195 Dual 8-Bit 40Msps 3V Low-Power ADC with Internal Reference and Parallel Outputs 1  2  3  4  5  More Maxim Integrated Products
MAX1198 Dual 8-Bit 100Msps 3.3V Low-Power ADC with Internal Reference and Parallel Outputs 1  2  3  4  5  More Maxim Integrated Products
TLV5626 2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
MAX1196 Dual 8-Bit 40Msps 3V Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs 1  2  3  4  5  More Maxim Integrated Products
TLV5638 2.7 V TO 5.5 V LOW POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
ADC12D040 Dual 12-Bit 40 MSPS 600 mW A/D Converter with Internal/External Reference and Sample-and-Hold 1  2  3  4  5  More National Semiconductor (TI)
UPC659A 8-BIT A/D CONVERTER FOR VIDEO PROCESSING WITH REFERENCE GENERATOR AND CLAMP CIRCUIT 1  2  3  4  5  More NEC
ISL5640 3V Dual 8-Bit 20/40/60MSPS A/D Converter with Internal Voltage Reference 1  2  3  4  5  More Intersil Corporation
MAX1183 Dual 10-Bit 40Msps +3V Low-Power ADC with Internal Reference and Parallel Outputs 1  2  3  4  5  More Maxim Integrated Products
TLV5624 2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn