Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HI2325 Datasheet(PDF) 2 Page - Intersil Corporation

Part No. HI2325
Description  3.3V Dual 8-Bit, 40MSPS A/D Converter with Internal Reference and Digital Clamp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI2325 Datasheet(HTML) 2 Page - Intersil Corporation

  HI2325 Datasheet HTML 1Page - Intersil Corporation HI2325 Datasheet HTML 2Page - Intersil Corporation HI2325 Datasheet HTML 3Page - Intersil Corporation HI2325 Datasheet HTML 4Page - Intersil Corporation HI2325 Datasheet HTML 5Page - Intersil Corporation HI2325 Datasheet HTML 6Page - Intersil Corporation HI2325 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Functional Block Diagram
36 35 34 33 32 31 30 29 28 27 26 25
A-CH
8-BIT ADC
B-CH
8-BIT ADC
37
38
39
40
41
42
CLE
SEL
STB
AVDD
ARBS
ARB
43
44
45
46
47
48
A2
A1
A0
DVSS
CLK
CLP
1
2
3
4
5
6
7
8
9
11 12
10
AND
AND
CLAMP DAC
CLAMP DAC
CLAMP AND LATCH
AND TEST
24
23
22
21
20
19 REF1
REF2
TEST
AVSS
BRBS
BRB
18
17
16
15
14
13 B5
B6
B7
DVSS
2S/B
REF0
88
99
HI2325


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MAX1195 Dual 8-Bit 40Msps 3V Low-Power ADC with Internal Reference and Parallel Outputs 1  2  3  4  5  More Maxim Integrated Products
MAX1198 Dual 8-Bit 100Msps 3.3V Low-Power ADC with Internal Reference and Parallel Outputs 1  2  3  4  5  More Maxim Integrated Products
TLV5626 2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
MAX1196 Dual 8-Bit 40Msps 3V Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs 1  2  3  4  5  More Maxim Integrated Products
TLV5638 2.7 V TO 5.5 V LOW POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
ADC12D040 Dual 12-Bit 40 MSPS 600 mW A/D Converter with Internal/External Reference and Sample-and-Hold 1  2  3  4  5  More National Semiconductor (TI)
UPC659A 8-BIT A/D CONVERTER FOR VIDEO PROCESSING WITH REFERENCE GENERATOR AND CLAMP CIRCUIT 1  2  3  4  5  More NEC
ISL5640 3V Dual 8-Bit 20/40/60MSPS A/D Converter with Internal Voltage Reference 1  2  3  4  5  More Intersil Corporation
MAX1183 Dual 10-Bit 40Msps +3V Low-Power ADC with Internal Reference and Parallel Outputs 1  2  3  4  5  More Maxim Integrated Products
TLV5624 2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn