Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HI2325 Datasheet(PDF) 1 Page - Intersil Corporation

Part No. HI2325
Description  3.3V Dual 8-Bit, 40MSPS A/D Converter with Internal Reference and Digital Clamp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI2325 Datasheet(HTML) 1 Page - Intersil Corporation

  HI2325 Datasheet HTML 1Page - Intersil Corporation HI2325 Datasheet HTML 2Page - Intersil Corporation HI2325 Datasheet HTML 3Page - Intersil Corporation HI2325 Datasheet HTML 4Page - Intersil Corporation HI2325 Datasheet HTML 5Page - Intersil Corporation HI2325 Datasheet HTML 6Page - Intersil Corporation HI2325 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TM
1
File Number
4823.1
HI2325
3.3V Dual 8-Bit, 40MSPS A/D Converter
with Internal Reference and Digital Clamp
The HI2325 is a monolithic, dual 8-bit, 40MSPS analog-to-
digital converter fabricated in an advanced CMOS process.
It is designed for high speed applications where integration,
bandwidth and accuracy are essential. The HI2325 features
a 2-stage parallel architecture. Only one external clock is
necessary to drive both converters and an internal voltage
reference is provided allowing the system designer to realize
an increased level of system integration resulting in
decreased cost and power dissipation.
The HI2325 has excellent dynamic performance while
consuming less than 100mW power at 40MSPS. The A/D
only requires a single +3.3V power supply and encode clock.
Data output latches are provided which present valid data to
the output bus with a latency of 2 clock cycles.
Pinout
48 LEAD LQFP
TOP VIEW
Features
• Sampling Rate . . . . . . . . . . . . . . . . . . . . . . . . . . .40MSPS
• 6.5 Bits at fIN = 1MHz
• Low Power at 40MSPS. . . . . . . . . . . . . . . . . . . . . 100mW
• Power Down Mode . . . . . . . . . . . . . . . . . . . . . . . . . . 8mW
• Wide Full Power Input Bandwidth. . . . . . . . . . . . . 250MHz
• Excellent Channel-to-Channel Isolation . . . . . . . . . >75dB
• Internal Digital Clamp
• Internal Voltage Reference
• Single Supply Voltage Operation . . . . . . . . . . . . . . . +3.3V
• TTL/CMOS Compatible Digital Inputs
• CMOS Compatible Digital Outputs . . . . . . . . . . . . . . . 3.3V
• Offset Binary or 2’s Complement Output Format
• Dual 8-Bit A/D Converters on a Monolithic Chip
Applications
• Wireless Local Loop
• PSK and QAM I&Q Demodulators
• Medical Imaging and Instrumentation
• Portable Communications
• Power Metering
• Hand-Held Data Collection Instruments
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HI2325IN
-20 to 85
48 Ld MQFP/PQFP
Q48.7x7-S
1
2
3
4
5
6
7
8
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
9
10
11
12
13 14 15 16
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
AVSS
AIO
AIN
AVDD
ART
ARTS
BRTS
BRT
AVDD
BIN
BIO
AVSS
A3
A4
A5
A6
A7
B0
B1
B2
B3
B4
DVDD
DVDD
Data Sheet
March 2000
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright
© Intersil Corporation 2000


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MAX1195 Dual 8-Bit 40Msps 3V Low-Power ADC with Internal Reference and Parallel Outputs 1  2  3  4  5  More Maxim Integrated Products
MAX1198 Dual 8-Bit 100Msps 3.3V Low-Power ADC with Internal Reference and Parallel Outputs 1  2  3  4  5  More Maxim Integrated Products
TLV5626 2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
MAX1196 Dual 8-Bit 40Msps 3V Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs 1  2  3  4  5  More Maxim Integrated Products
TLV5638 2.7 V TO 5.5 V LOW POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments
ADC12D040 Dual 12-Bit 40 MSPS 600 mW A/D Converter with Internal/External Reference and Sample-and-Hold 1  2  3  4  5  More National Semiconductor (TI)
UPC659A 8-BIT A/D CONVERTER FOR VIDEO PROCESSING WITH REFERENCE GENERATOR AND CLAMP CIRCUIT 1  2  3  4  5  More NEC
ISL5640 3V Dual 8-Bit 20/40/60MSPS A/D Converter with Internal Voltage Reference 1  2  3  4  5  More Intersil Corporation
MAX1183 Dual 10-Bit 40Msps +3V Low-Power ADC with Internal Reference and Parallel Outputs 1  2  3  4  5  More Maxim Integrated Products
TLV5624 2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn