Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1-0509-4 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HI1-0509-4
Description  Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-0509-4 Datasheet(HTML) 1 Page - Intersil Corporation

  HI1-0509-4 Datasheet HTML 1Page - Intersil Corporation HI1-0509-4 Datasheet HTML 2Page - Intersil Corporation HI1-0509-4 Datasheet HTML 3Page - Intersil Corporation HI1-0509-4 Datasheet HTML 4Page - Intersil Corporation HI1-0509-4 Datasheet HTML 5Page - Intersil Corporation HI1-0509-4 Datasheet HTML 6Page - Intersil Corporation HI1-0509-4 Datasheet HTML 7Page - Intersil Corporation HI1-0509-4 Datasheet HTML 8Page - Intersil Corporation HI1-0509-4 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
File Number
3142.2
HI-506, HI-507, HI-508, HI-509
Single 16 and 8/Differential 8-Channel and
4-Channel CMOS Analog Multiplexers
The HI-506/HI-507 and HI-508/HI-509 monolithic CMOS
multiplexers each include an array of sixteen and eight
analog switches respectively, a digital decoder circuit for
channel selection, voltage reference for logic thresholds, and
an enable input for device selection when several
multiplexers are present. The Dielectric Isolation (DI)
process used in fabrication of these devices eliminates the
problem of latchup. DI also offers much lower substrate
leakage and parasitic capacitance than conventional
junction isolated CMOS (see Application Notes AN520 and
AN521).
The switching threshold for each digital input is established by
an internal +5V reference, providing a guaranteed minimum
2.4V for logic “1” and maximum 0.8V for logic “0”. This allows
direct interface without pullup resistors to signals from most
logic families: CMOS, TTL, DTL and some PMOS. For
protection against transient overvoltage, the digital inputs
include a series 200
Ω resistor and diode clamp to each
supply.
The HI-506 is a single 16-Channel, the HI-507 is an
8-Channel differential, the HI-508 is a single 8-Channel and
the HI-509 is a 4-Channel differential multiplexer.
If input overvoltages are present, the HI-546/HI-547/HI-548/
HI-549 multiplexers are recommended.
Features
• Low ON Resistance . . . . . . . . . . . . . . . . . . . . . . . . . 180
• Wide Analog Signal Range
. . . . . . . . . . . . . . . . . . . . . ±15V
• TTL/CMOS Compatible
• Access Time . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250ns
• Maximum Power Supply . . . . . . . . . . . . . . . . . . . . . . . .44V
• Break-Before-Make Switching
• No Latch-Up
• Replaces DG506A/DG506AA and DG507A/DG507AA
• Replaces DG508A/DG508AA and DG509A/DG509AA
Applications
• Data Acquisition Systems
• Precision Instrumentation
• Demultiplexing
• Selector Switch
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HI9P0506-9
-40 to 85
28 Ld SOIC
M28.3
HI3-0506-5
0 to 75
28 Ld PDIP
E28.6
HI4P0506-5
0 to 75
28 Ld PLCC
N28.45
HI1-0506-5
0 to 75
28 Ld CERDIP
F28.6
HI1-0506-4
-25 to 85
28 Ld CERDIP
F28.6
HI1-0506-2
-55 to 125
28 Ld CERDIP
F28.6
HI4P0507-5
0 to 75
28 Ld PLCC
N28.45
HI3-0507-5
0 to 75
28 Ld PDIP
E28.6
HI1-0507-2
-55 to 125
28 Ld CERDIP
F28.6
HI1-0508-5
0 to 75
16 Ld CERDIP
F16.3
HI3-0508-5
0 to 75
16 Ld PDIP
E16.3
HI1-0508-4
-25 to 85
16 Ld CERDIP
F16.3
HI1-0508-2
-55 to 125
16 Ld CERDIP
F16.3
HI4P0508-5
0 to 75
20 Ld PLCC
N20.35
HI9P0508-9
-40 to 85
16 Ld SOIC
M16.15
HI9P0508-5
0 to 75
16 Ld SOIC
M16.15
HI9P0509-5
0 to 75
16 Ld SOIC
M16.15
HI1-0509-4
-25 to 85
16 Ld CERDIP
F16.3
HI1-0509-5
0 to 75
16 Ld CERDIP
F16.3
HI3-0509-5
0 to 75
16 Ld PDIP
E16.3
HI4P0509-5
0 to 75
20 Ld PLCC
N20.35
HI1-0509-2
-55 to 125
16 Ld CERDIP
F16.3
Data Sheet
June 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HI1-0509-4

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI1-0509-4 HARRIS-HI1-0509-4 Datasheet
854Kb / 16P
   SINGLE 16 AND 8/ DIFFERENTIAL 8 CHANNEL AND 4 CHANNEL CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
HI1-0509-4 INTERSIL-HI1-0509-4 Datasheet
693Kb / 23P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
HI1-0509-4 INTERSIL-HI1-0509-4 Datasheet
751Kb / 24P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
More results

Similar Description - HI1-0509-4

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI3-506 HARRIS-HI3-506 Datasheet
854Kb / 16P
   SINGLE 16 AND 8/ DIFFERENTIAL 8 CHANNEL AND 4 CHANNEL CMOS ANALOG MULTIPLEXERS
logo
Renesas Technology Corp
HI-506 RENESAS-HI-506 Datasheet
1,018Kb / 25P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
Jun 14, 2016
logo
Intersil Corporation
HI-506 INTERSIL-HI-506_07 Datasheet
751Kb / 24P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
HI-506 INTERSIL-HI-506_05 Datasheet
693Kb / 23P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
DG406883 INTERSIL-DG406883 Datasheet
826Kb / 13P
   Single 16-Channel/Differential 8-Channel CMOS Analog Multiplexers
DG406 INTERSIL-DG406_06 Datasheet
552Kb / 13P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG406 RENESAS-DG406 Datasheet
948Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Intersil Corporation
DG406DJZ INTERSIL-DG406DJZ Datasheet
604Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
October 1, 2013
logo
Analog Devices
AD7506JNZ AD-AD7506JNZ Datasheet
231Kb / 4P
   CMOS 8-and 16-Channel Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com