Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HI1171 Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HI1171
Description  8-Bit, 40 MSPS, High Speed D/A Converter
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HI1171 Datasheet(HTML) 4 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Propagation Delay Time, tPD
See Figure 9
-
10
-
ns
Settling Time, tSET (to
1/
2 LSB)
See Figure 1
-
10
15
ns
CLK Pulse Width, tPW1, tPW2
See Figure 1
12.5
-
-
ns
POWER SUPPLY CHARACTERISITICS
IAVDD
14.3MHz, at Color Bar Data Input
-
10.9
11.5
mA
IDVDD
14.3MHz, at Color Bar Data Input
-
4.2
4.8
mA
Power Dissipation
200
Ω load at 2VP-P Output
-
-
80
mW
NOTES:
2. Excludes error due to external reference drift.
3. Parameter guaranteed by design or characterization and not production tested.
4. Electrical specifications guaranteed only under the stated operating conditions.
Electrical Specifications
AVDD = +4.75V to +5.25V, DVDD = +4.75 to +5.25V, VREF = +2.0V, fS = 40MHz,
CLK Pulse Width = 12.5ns, TA = 25
oC (Note 4) (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Timing Diagram
FIGURE 1.
CLK
DATA
D/AOUT
100%
50%
0%
tPW1
tPW2
tSU
tHLD
tSU
tSU
tPD
tPD
tPD
tHLD
tHLD
HI1171


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn