Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1-0508A-7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HI1-0508A-7
Description  16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-0508A-7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HI1-0508A-7 Datasheet HTML 3Page - Intersil Corporation HI1-0508A-7 Datasheet HTML 4Page - Intersil Corporation HI1-0508A-7 Datasheet HTML 5Page - Intersil Corporation HI1-0508A-7 Datasheet HTML 6Page - Intersil Corporation HI1-0508A-7 Datasheet HTML 7Page - Intersil Corporation HI1-0508A-7 Datasheet HTML 8Page - Intersil Corporation HI1-0508A-7 Datasheet HTML 9Page - Intersil Corporation HI1-0508A-7 Datasheet HTML 10Page - Intersil Corporation HI1-0508A-7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Absolute Maximum Ratings
Thermal Information
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +44V
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +22V
V- to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25V
Digital Input Voltage (VEN, VA) . . . . . . . . . . . . . (V-) -4V to (V+) +4V
or 20mA, Whichever Occurs First
Analog Signal (VIN, VOUT). . . . . . . . . . . . . . . (V-) -20V to (V+) +20V
Continuous Current, IN or OUT . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Peak Current, IN or OUT, Pulsed 1ms, 10% Duty Cycle (Max). . 40mA
Operating Conditions
Temperature Ranges
HI-506A/507A/508A/509A-2, -8 . . . . . . . . . . . . . . -55oC to 125oC
HI-506A/507A/508A/509A-5, -7 . . . . . . . . . . . . . . . . . 0oC to 75oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
28 Ld CERDIP Package . . . . . . . . . . . .
55
18
16 Ld CERDIP Package . . . . . . . . . . . .
85
32
28 Ld PDIP Package . . . . . . . . . . . . . .
60
N/A
16 Ld PDIP Package . . . . . . . . . . . . . .
90
N/A
Maximum Junction Temperature
CERDIP Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .175oC
PDIP Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Supplies = +15V, -15V; VREF Pin = Open; VAH (Logic Level High) = 4V; VAL (Logic Level Low) = 0.8V,
Unless Otherwise Specified. For Test Conditions, Consult Test Circuits Section
PARAMETER
TEST
CONDITIONS
TEMP
(oC)
-2, -8
-5, -7
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
DYNAMIC CHARACTERISTICS
Access Time, tA
Note 2
25
-
0.5
-
-
0.5
-
µs
Full
-
-
1.0
-
-
1.0
µs
Break-Before-Make Delay, tOPEN
Note 2
25
25
80
-
25
80
-
ns
Enable Delay (ON), tON(EN)
Note 2
25
-
300
500
-
300
-
ns
Full
-
-
1000
-
-
1000
ns
Enable Delay (OFF), tOFF(EN)
Note 2
25
-
300
500
-
300
-
ns
Full
-
-
1000
-
-
1000
ns
Settling Time, tS
HI-506A and HI-507A
To 0.1%
25
-
1.2
-
-
1.2
-
µs
To 0.01%
25
-
3.5
-
-
3.5
-
µs
HI-508A and HI-509A
To 0.1%
25
-
1.2
-
-
1.2
-
µs
To 0.01%
25
-
3.5
-
-
3.5
-
µs
Off Isolation
Note 7
25
50
68
-
50
68
-
dB
Channel Input Capacitance, CS(OFF)
25
-10-
-10-
pF
Channel Output Capacitance, CD(OFF)
HI-506A
25
-
52
-
-
52
-
pF
HI-507A
25
-
30
-
-
30
-
pF
HI-508A
25
-
25
-
-
25
-
pF
HI-509A
25
-
12
-
-
12
-
pF
Digital Input Capacitance, CA
25
-10-
-10-
pF
Input to Output Capacitance, CDS(OFF)
25
-
0.1
-
-
0.1
-
pF
DIGITAL INPUT CHARACTERISTICS
Input Low Threshold, TTL Drive, VAL
Note 2
Full
-
-
0.8
-
-
0.8
V
Input High Threshold, VAH (Note 9)
Note 2
Full
4.0
-
-
4.0
-
-
V
Input Leakage Current (High or Low), IA
Notes 2, 6
Full
-
-
1.0
-
-
1.0
µA
HI-506A, HI-507A, HI-508A, HI-509A


Similar Part No. - HI1-0508A-7

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI1-0508A-7 HARRIS-HI1-0508A-7 Datasheet
1Mb / 14P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
More results

Similar Description - HI1-0508A-7

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI-506A HARRIS-HI-506A Datasheet
1Mb / 14P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Intersil Corporation
HI1-0506A-2 INTERSIL-HI1-0506A-2 Datasheet
579Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Renesas Technology Corp
HI-506A RENESAS-HI-506A Datasheet
1,010Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
logo
Intersil Corporation
HI1-0506A-2 INTERSIL-HI1-0506A-2 Datasheet
576Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel,CMOS Analog MUXs with Active Overvoltage Protection
October 30, 2007
HI-506A INTERSIL-HI-506A_07 Datasheet
573Kb / 20P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI-506A INTERSIL-HI-506A_04 Datasheet
613Kb / 19P
   16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
HI-546 INTERSIL-HI-546_05 Datasheet
533Kb / 24P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
HI1-0546-2 INTERSIL-HI1-0546-2 Datasheet
719Kb / 25P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
October 1, 2015
HI-546 INTERSIL-HI-546 Datasheet
329Kb / 15P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
June 1999
logo
Renesas Technology Corp
HI-546 RENESAS-HI-546 Datasheet
910Kb / 25P
   Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
Jun 15, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com