Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-7159A Datasheet(PDF) 1 Page - Intersil Corporation

Part # HI-7159A
Description  Microprocessor-Compatible, 5-1/2 Digit A/D Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI-7159A Datasheet(HTML) 1 Page - Intersil Corporation

  HI-7159A Datasheet HTML 1Page - Intersil Corporation HI-7159A Datasheet HTML 2Page - Intersil Corporation HI-7159A Datasheet HTML 3Page - Intersil Corporation HI-7159A Datasheet HTML 4Page - Intersil Corporation HI-7159A Datasheet HTML 5Page - Intersil Corporation HI-7159A Datasheet HTML 6Page - Intersil Corporation HI-7159A Datasheet HTML 7Page - Intersil Corporation HI-7159A Datasheet HTML 8Page - Intersil Corporation HI-7159A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
HI-7159A
Microprocessor-Compatible, 5-1/2 Digit
A/D Converter
The Intersil HI-7159A is a monolithic A/D converter that uses
a unique dual slope technique which allows it to resolve input
changes as small as 1 part in 200,000 (10
µV) without the use
of critical external components. Its digital autozeroing feature
virtually eliminates zero drift over temperature. The device is
fabricated in Intersil’ proprietary low noise BiMOS process,
resulting in exceptional linearity and noise performance. The
HI-7159A’s resolution can be switched between a high
resolution 200,000 count (51/2 digit) mode, and a high speed
20,000 count (41/2 digit) mode without any hardware
modifications. In the 41/2 digit uncompensated mode, speeds
of 60 conversions per second can be achieved. The HI-7159A
is designed to be easily interfaced with most microprocessors
through either of its three serial and one parallel interface
modes. In the serial modes, any one of four common baud
rates is available.
Features
±200,000 Count A/D Converter
• 2V Full Scale Reading With 10
µV Resolution
• 15 Conversions Per Second in 51/2 Digit Mode
• 60 Conversions Per Second in 41/2 Digit Mode
• Serial or Parallel Interface Modes
• Four Selectable Baud Rates
• Differential Analog Input
• Differential Reference Input
• Digital Autozero
Applications
• Weigh Scales
• Part Counting Scales
• Laboratory Instruments
• Process Control/Monitoring
• Energy Management
• Seismic Monitoring
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HI3-7159A-5
0 to 70
28 Ld PDIP
E28.6
Pinout
HI-7159A
(PDIP)
TOP VIEW
Functional Block Diagram
VCC
INT OUT
INT IN
BUF OUT
CREF-
CREF-
CREF+
CREF+
VREF HI
VREF LO
AGND
VIN HI
VIN LO
VEE
SEL
DGND
P7/BRS1
P6/BRS0
P5/SAD3
P3/SAD1
P1/SMS1
P0/SMS0
CS/SAD4
WR/TXD
RD/RXD
XTAL
P4/SAD2
P2/SAD0
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
GUARD
GUARD
+
+
+
BUFFER
INTEGRATOR
COMPARATOR
ANALOG SWITCHES
CONTROL
SECTION
AND
LATCHES
ANALOG
STATE
MACHINE
UART
BUS
INTERFACE
UNIT
SEL
8 BIT
BUS
AGND
VEE
VCC
XTAL
DGND
CREF
CS
WR
RD
RINT
CINT
VIN LO
VIN HI
VREF LO
VREF HI
-
-
-
Data Sheet
January 1999
File Number
2936.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999


Similar Part No. - HI-7159A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI-7159A RENESAS-HI-7159A Datasheet
703Kb / 14P
   Microprocessor-Compatible, 5-1/2 Digit A/D Converter
More results

Similar Description - HI-7159A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI-7159A RENESAS-HI-7159A Datasheet
703Kb / 14P
   Microprocessor-Compatible, 5-1/2 Digit A/D Converter
logo
National Semiconductor ...
ADC3511 NSC-ADC3511 Datasheet
286Kb / 9P
   3 1/2 DIGIT MICROPROCESSOR COMPATIBLE A/D
logo
Microchip Technology
TC7135 MICROCHIP-TC7135 Datasheet
533Kb / 22P
   4-1/2 Digit A/D Converter
2002
TC7135 MICROCHIP-TC7135_04 Datasheet
457Kb / 24P
   4-1/2 Digit A/D Converter
2004
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
   8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
logo
Analog Devices
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SD AD-AD667SD Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767 AD-AD767 Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com