Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1-0506-4 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HI1-0506-4
Description  Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-0506-4 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HI1-0506-4 Datasheet HTML 5Page - Intersil Corporation HI1-0506-4 Datasheet HTML 6Page - Intersil Corporation HI1-0506-4 Datasheet HTML 7Page - Intersil Corporation HI1-0506-4 Datasheet HTML 8Page - Intersil Corporation HI1-0506-4 Datasheet HTML 9Page - Intersil Corporation HI1-0506-4 Datasheet HTML 10Page - Intersil Corporation HI1-0506-4 Datasheet HTML 11Page - Intersil Corporation HI1-0506-4 Datasheet HTML 12Page - Intersil Corporation HI1-0506-4 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
Test Circuits and Waveforms TA = 25oC, VSUPPLY = ±15V, VAH = 2.4V, VAL = 0.8V, Unless Otherwise Specified
FIGURE 1A. TEST CIRCUIT
FIGURE 1B. ON RESISTANCE vs ANALOG INPUT VOLTAGE
FIGURE 1C. NORMALIZED ON RESISTANCE vs SUPPLY
VOLTAGE
FIGURE 1. ON RESISTANCE
FIGURE 2A. LEAKAGE CURRENT vs TEMPERATURE
FIGURE 2B. ID(OFF) TEST CIRCUIT (NOTE 8)
1mA
OUT
IN
VIN
rON =
V2
1mA
V2
400
300
200
100
0
-15
ANALOG INPUT (V)
-10
-5
0
5
10
15
125oC
25oC
-55oC
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
78
9
10
11
12
13
14
15
SUPPLY VOLTAGE (
±V)
-55oC TO 125oC
VIN = 0V
100nA
10nA
1nA
100pA
10pA
25
50
75
100
125
TEMPERATURE (oC)
OFF OUTPUT
LEAKAGE CURRENT
ID(OFF)
ID(ON)
OFF INPUT
LEAKAGE CURRENT
IS(OFF)
A
+10V
±10V
0.8V
EN
OUT
ID(OFF)
HI-506, HI-507, HI-508, HI-509


Similar Part No. - HI1-0506-4

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI1-0506-4 HARRIS-HI1-0506-4 Datasheet
854Kb / 16P
   SINGLE 16 AND 8/ DIFFERENTIAL 8 CHANNEL AND 4 CHANNEL CMOS ANALOG MULTIPLEXERS
More results

Similar Description - HI1-0506-4

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI3-506 HARRIS-HI3-506 Datasheet
854Kb / 16P
   SINGLE 16 AND 8/ DIFFERENTIAL 8 CHANNEL AND 4 CHANNEL CMOS ANALOG MULTIPLEXERS
logo
Renesas Technology Corp
HI-506 RENESAS-HI-506 Datasheet
1,018Kb / 25P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
Jun 14, 2016
logo
Intersil Corporation
HI-506 INTERSIL-HI-506_07 Datasheet
751Kb / 24P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
HI-506 INTERSIL-HI-506_05 Datasheet
693Kb / 23P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
DG406883 INTERSIL-DG406883 Datasheet
826Kb / 13P
   Single 16-Channel/Differential 8-Channel CMOS Analog Multiplexers
DG406 INTERSIL-DG406_06 Datasheet
552Kb / 13P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG406 RENESAS-DG406 Datasheet
948Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Intersil Corporation
DG406DJZ INTERSIL-DG406DJZ Datasheet
604Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
October 1, 2013
logo
Analog Devices
AD7506JNZ AD-AD7506JNZ Datasheet
231Kb / 4P
   CMOS 8-and 16-Channel Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com