Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-518 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HI-518
Description  8-Channel/Differential 4-Channel, CMOS High Speed Analog Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI-518 Datasheet(HTML) 3 Page - Intersil Corporation

  HI-518 Datasheet HTML 1Page - Intersil Corporation HI-518 Datasheet HTML 2Page - Intersil Corporation HI-518 Datasheet HTML 3Page - Intersil Corporation HI-518 Datasheet HTML 4Page - Intersil Corporation HI-518 Datasheet HTML 5Page - Intersil Corporation HI-518 Datasheet HTML 6Page - Intersil Corporation HI-518 Datasheet HTML 7Page - Intersil Corporation HI-518 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Absolute Maximum Ratings
Thermal Information
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .33V
Analog (VIN, VOUT) . . . . . . . . . . . . . . . . . . . . . . (V-) -2V to (V+) +2V
Digital Input Voltage:
TTL Levels Selected (VDD/LLS Pin = GND or Open)
VA0-1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -6V to +6V
VA2/SDS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (V-) -2V to (V+) +2V
CMOS Levels Selected (VDD/LLS Pin = VDD)
VA0-2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2V to (V+) +2V
Operating Conditions
Temperature Ranges
HI-518-8 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
HI-518-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 75oC
Thermal Resistance (Typical, Note 2)
. . . .θJA (oC/W)
θJC (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
90
N/A
CERDIP Package . . . . . . . . . . . . . . . . .
70
18
Maximum Junction Temperature
Ceramic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .175oC
Plastic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Supplies = +15V, -15V; VAH (Logic Level High) = 2.4V, VAL (Logic Level Low) = 0.8V; VDD/LLS = GND
(Note 3), Unless Otherwise Specified
PARAMETER
TEST
CONDITIONS
TEMP
(oC)
-8
-5
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
DYNAMIC CHARACTERISTICS
Access Time, tA
25
-
130
175
-
130
175
ns
Full
-
-
225
-
-
225
ns
Break-Before-Make Delay, tOPEN
25
10
20
-
10
20
-
ns
Enable Delay (ON), tON(EN)
25
-
120
175
120
175
ns
Enable Delay (OFF), tOFF(EN)
25
-
140
175
140
175
ns
Settling Time
To 0.1%
25
-
250
-
-
250
-
ns
To 0.01%
25
-
800
-
-
800
-
ns
Charge Injection Error
Note 6
25
-
-
25
-
-
25
mV
Off Isolation
Note 7
25
45
-
-
45
-
-
dB
Channel Input Capacitance, CS(OFF)
25
-
-
5
-
-
5
pF
Channel Output Capacitance, CD(OFF)
25
-
-
10
-
-
10
pF
Digital Input Capacitance, CA
25
-
-
5
-
-
5
pF
Input to Output Capacitance, CDS(OFF)
25
-
0.02
-
-
0.02
-
pF
DIGITAL INPUT CHARACTERISTICS
Input Low Threshold, VAL (TTL)
Note 3
Full
-
-
0.8
-
-
0.8
V
Input High Threshold, VAH (TTL)
Note 3
Full
2.4
-
-
2.4
-
-
V
Input Low Threshold, VAL (CMOS)
Note 3
Full
-
-
0.3VDD
-
-
0.3VDD
V
Input High Threshold, VAH (CMOS)
Note 3
Full
0.7VDD
-
-
0.7VDD
--
V
Input Leakage Current, IAH (High)
Full
-
-
1
-
-
1
µA
Input Leakage Current, IAL (Low)
Full
-
-
20
-
-
20
µA
ANALOG CHANNEL CHARACTERISTICS
Analog Signal Range, VIN
Note 4
Full
-14
-
+14
-15
-
+15
V
On Resistance, rON
Note 5
25
-
480
750
-
480
750
Full
-
-
1,000
-
-
1,000
Off Input Leakage Current, lS(OFF)
25
-
0.01
-
-
0.01
-
nA
Full
-
-
50
-
-
50
nA
Off Output Leakage Current, ID(OFF)
25
-
0.015
-
-
0.015
-
nA
Full
-
-
50
-
-
50
nA
On Channel Leakage Current, ID(ON)
25
-
0.015
-
-
0.015
-
nA
Full
-
-
50
-
-
50
nA
POWER SUPPLY CHARACTERISTICS
Power Dissipation, PD
Full
-
-
450
-
-
540
mW
HI-518


Similar Part No. - HI-518

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-518 INTERSIL-HI-518 Datasheet
294Kb / 8P
   8-Channel/Differential 4-Channel, CMOS High Speed Analog Multiplexer
HI-518 INTERSIL-HI-518 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
HI-518 RENESAS-HI-518 Datasheet
530Kb / 8P
   8-Channel/Differential 4-Channel, CMOS High Speed Analog Multiplexer
logo
Intersil Corporation
HI-518 INTERSIL-HI-518_06 Datasheet
294Kb / 8P
   8-Channel/Differential 4-Channel, CMOS High Speed Analog Multiplexer
More results

Similar Description - HI-518

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-518 INTERSIL-HI-518_06 Datasheet
294Kb / 8P
   8-Channel/Differential 4-Channel, CMOS High Speed Analog Multiplexer
logo
Renesas Technology Corp
HI-518 RENESAS-HI-518 Datasheet
530Kb / 8P
   8-Channel/Differential 4-Channel, CMOS High Speed Analog Multiplexer
logo
Intersil Corporation
HI-516 INTERSIL-HI-516 Datasheet
516Kb / 8P
   16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
October 1999
logo
Renesas Technology Corp
HI-516 RENESAS-HI-516 Datasheet
619Kb / 8P
   16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
logo
Intersil Corporation
HI-516 INTERSIL-HI-516_05 Datasheet
324Kb / 8P
   16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
HI3-0516-5 INTERSIL-HI3-0516-5 Datasheet
329Kb / 8P
   16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
April 1, 2005
logo
Harris Corporation
IH6208 HARRIS-IH6208 Datasheet
63Kb / 7P
   8-Channel CMOS Analog Multiplexer
logo
Intersil Corporation
IH6108 INTERSIL-IH6108 Datasheet
80Kb / 9P
   8-Channel CMOS Analog Multiplexer
logo
STMicroelectronics
HCF4097B STMICROELECTRONICS-HCF4097B Datasheet
394Kb / 10P
   ANALOG DIFFERENTIAL 8 CHANNEL MULTIPLEXER/DEMULTIPLEXER
logo
Maxim Integrated Produc...
DG408409 MAXIM-DG408409 Datasheet
35Kb / 5P
   IMPROVED 8-CHANNEL/DUAL 4-CHANNEL CMOS ANALOG MULTIPLEXER
19-0088 Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com