Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO6408 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # AO6408
Description  N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AO6408 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  AO6408 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AO6408 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AO6408 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd AO6408 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
N-Channel MOSFET
AO6408 (KO6408)
Electrical Characteristics Ta = 25℃
* The static characteristics in Figures 1 to 6 are obtained using <300us pulses, duty cycle 0.5% max.
Marking
Marking
D8**
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250μA, VGS=0V
20
Gate-Source breakdown voltage
BVGSO
VDS=0 V, IG=±250uA
±12
VDS=16V, VGS=0V
10
VDS=16V, VGS=0V, TJ=55℃
25
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±10V
±
10
uA
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=250 uA
0.5
1
V
VGS=10V, ID=8.8A
18
VGS=10V, ID=8.8A TJ=125℃
23
VGS=4.5V, ID=8A
20
VGS=2.5V, ID=6A
25
VGS=1.8V, ID=4A
32
On State Drain Current
ID(ON)
VGS=4.5V, VDS=5V
40
A
Forward Transconductance
gFS
VDS=5V, ID=8.8A
33
S
Input Capacitance
Ciss
1810 2200
Output Capacitance
Coss
232
Reverse Transfer Capacitance
Crss
200
Gate Resistance
Rg
VGS=0V, VDS=0V, f=1MHz
1.6
2.2
Ω
Total Gate Charge
Qg
17.9
22
Gate Source Charge
Qgs
1.5
Gate Drain Charge
Qgd
4.7
Turn-On DelayTime
td(on)
3.3
Turn-On Rise Time
tr
5.9
Turn-Off DelayTime
td(off)
44
Turn-Off Fall Time
tf
7.7
Body Diode Reverse Recovery Time
trr
22
27
Body Diode Reverse Recovery Charge
Qrr
9.8
nC
Maximum Body-Diode Continuous Current
IS
3
A
Diode Forward Voltage
VSD
IS=1A,VGS=0V
1
V
V
VGS=4.5V, VDS=10V, ID=8.8A
pF
nC
ns
VGS=10V, VDS=10V, RL=1.1Ω,RG=3Ω
IF= 8.8A, dI/dt= 100A/us
VGS=0V, VDS=10V, f=1MHz
Zero Gate Voltage Drain Current
IDSS
uA
RDS(On)
Static Drain-Source On-Resistance


Similar Part No. - AO6408

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6408 AOSMD-AO6408 Datasheet
143Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
AO6408 AOSMD-AO6408 Datasheet
174Kb / 4P
   20V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6408-HF KEXIN-AO6408-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO6408L AOSMD-AO6408L Datasheet
143Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
AO6408 AOSMD-AO6408_10 Datasheet
174Kb / 4P
   20V N-Channel MOSFET
More results

Similar Description - AO6408

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com