Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI1-0201-4 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HI1-0201-4
Description  Dual/Quad SPST, CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-0201-4 Datasheet(HTML) 1 Page - Intersil Corporation

  HI1-0201-4 Datasheet HTML 1Page - Intersil Corporation HI1-0201-4 Datasheet HTML 2Page - Intersil Corporation HI1-0201-4 Datasheet HTML 3Page - Intersil Corporation HI1-0201-4 Datasheet HTML 4Page - Intersil Corporation HI1-0201-4 Datasheet HTML 5Page - Intersil Corporation HI1-0201-4 Datasheet HTML 6Page - Intersil Corporation HI1-0201-4 Datasheet HTML 7Page - Intersil Corporation HI1-0201-4 Datasheet HTML 8Page - Intersil Corporation HI1-0201-4 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
File Number
3121.4
HI-200, HI-201
Dual/Quad SPST, CMOS Analog Switches
HI-200/HI-201 (dual/quad) are monolithic devices comprising
independently selectable SPST switches which feature fast
switching speeds (HI-200 240ns, and HI-201 185ns)
combined with low power dissipation (15mW at 25oC). Each
switch provides low “ON” resistance operation for input signal
voltage up to the supply rails and for signal current up to
80mA. Rugged DI construction eliminates latch-up and
substrate SCR failure modes.
All devices provide break-before-make switching and are
TTL and CMOS compatible for maximum application
versatility. HI-200/HI-201 are ideal components for use in
high frequency analog switching. Typical applications include
signal path switching, sample and hold circuit, digital filters,
and operational amplifier gain switching networks.
Features
• Analog Voltage Range . . . . . . . . . . . . . . . . . . . . . . .
±15V
• Analog Current Range . . . . . . . . . . . . . . . . . . . . . . . 80mA
• Turn-On Time . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240ns
•Low rON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55Ω
• Low Power Dissipation . . . . . . . . . . . . . . . . . . . . . . .15mW
• TTL/CMOS Compatible
Applications
• High Frequency Analog Switching
• Sample and Hold Circuits
• Digital Filters
• Operational Amplifier Gain Switching Networks
Functional Diagram
Ordering Information
PART
NUMBER
TEMPERATURE
RANGE (oC)
PACKAGE
PKG. NO.
HI1-0200-5
0 to 75
14 Ld CERDIP
F14.3
HI2-0200-5
0 to 75
10 Pin Metal Can
T10.B
HI3-0200-5
0 to 75
14 Ld PDIP
E14.3
HI1-0201-2
-55 to 125
16 Ld CERDIP
F16.3
HI1-0201-4
-25 to 85
16 Ld CERDIP
F16.3
HI1-0201-5
0 to 75
16 Ld CERDIP
F16.3
HI3-0201-5
0 to 75
16 Ld PDIP
E16.3
HI4P0201-5
0 to 75
20 Ld PLCC
N20.35
HI9P0201-5
0 to 75
16 Ld SOIC
M16.15
HI9P0201-9
-40 to 85
16 Ld SOIC
M16.15
TRUTH TABLE
LOGIC
HI-200
HI-201
0ON
ON
1
OFF
OFF
REFERENCE,
LEVEL SHIFTER,
AND DRIVER
GATE
SWITCH
CELL
SOURCE
DRAIN
OUTPUT
LOGIC
INPUT
V+
VREF
V-
INPUT
GATE
Data Sheet
October 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HI1-0201-4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1-0201-4 INTERSIL-HI1-0201-4 Datasheet
337Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
More results

Similar Description - HI1-0201-4

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
DG201CJ HARRIS-DG201CJ Datasheet
90Kb / 8P
   CMOS Dual/Quad SPST Analog Switches
logo
Intersil Corporation
HI-200 INTERSIL-HI-200_05 Datasheet
337Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
HI-200 RENESAS-HI-200 Datasheet
566Kb / 11P
   Dual/Quad SPST, CMOS Analog Switches
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com