Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HI-1818A Datasheet(PDF) 6 Page - Intersil Corporation

Part No. HI-1818A
Description  Low Resistance, Single 8-Channel, and Differential 4-Channel, CMOS Analog Multiplexers
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HI-1818A Datasheet(HTML) 6 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
FN3141.4
November 19, 2004
FIGURE 3. ON RESISTANCE vs ANALOG INPUT VOLTAGE
FIGURE 4. ON CHANNEL CURRENT vs VOLTAGE
FIGURE 5. LEAKAGE CURRENTS vs TEMPERATURE
FIGURE 6. ACCESS TIME
350
300
250
200
150
100
-10
-8
-6
-4
-2
02468
10
ANALOG INPUT (V)
125oC
25oC
-55oC
OUT
IN
VIN
V2
1mA
RON =
V2
1mA
60
20
0
-20
-40
-60
-10
-8
-6
-4
-2
02468
10
VOLTAGE ACROSS SWITCH (V)
40
OUT
V
A
25oC
-55oC
125oC
-55oC
125oC
25oC
OUT
EN
OUT
±10V
EN
4V
+10V
A ID(OFF)
±10V
A
IS(OFF)
4V
+10V
OUT
±10V
EN
0.4V
+10V
A ID(ON)
A0
A1
OFF LEAKAGE
ON LEAKAGE
NOTE:
Two measurements per channel:
±10V and 10V
Two measurements per device for
ID(OFF): ±10V and 10V
100nA
10nA
1nA
100pA
10pA
25
50
75
100
125
TEMPERATURE (oC)
HI-1818A
ID(ON) - ID(OFF)
IS(OFF)
HI-1818A
100ns/DIV.
A0 INPUT
2V/DIV.
50
50pF
EN
A0
ACCESS TIME TEST CIRCUIT
A1 A2
HI-1818A
0V TO 4V
IN 3-8
IN 2
IN 1
-5V
+5V
10
k
4V
50%
+5V
OUTPUT
5V/DIV.
-5V
10%
tA
OUT
HI-1818A


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn