Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HI-1818A Datasheet(PDF) 5 Page - Intersil Corporation

Part No. HI-1818A
Description  Low Resistance, Single 8-Channel, and Differential 4-Channel, CMOS Analog Multiplexers
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HI-1818A Datasheet(HTML) 5 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FN3141.4
November 19, 2004
POWER SUPPLY CHARACTERISTICS
Power Dissipation, PD
Full
-
-
27.5
mW
Current, I+
Full
-
-
0.5
mA
Current, I-
Full
-
-
1
mA
Current, IL
Full
-
-
1
mA
NOTES:
2. VOUT = ±10V, IOUT =
1mA.
3. To drive from DTL/TTL circuits, 1k
Ω pull-up resistors to 5.0V supply are recommended.
4. Time measured to 90% of final output level; VOUT = -5.0V to 5.0V, Digital Inputs = 0V to 4.0V.
Electrical Specifications
Supplies = +15V, -15V, +5V; VAL = 0.4V, VAH = 4.0V, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP (oC)
MIN
TYP
MAX
UNITS
Test Circuits and Waveforms
FIGURE 1A. MEASUREMENT POINTS
FIGURE 1B. TEST CIRCUIT
FIGURE 1C. WAVEFORMS
FIGURE 1. ENABLE DELAYS
FIGURE 2A. MEASUREMENT POINTS
FIGURE 2B. TEST CIRCUIT
FIGURE 2C. WAVEFORMS
FIGURE 2. BREAK-BEFORE-MAKE DELAY
VAH = 4.0V
VAL = 0V
OUTPUT
10%
tOFF
(EN)
90%
tON
(EN)
50%
ENABLE DRIVE
(VA)
+15V
VA
+5V
-15V +5V
V+
V-
VL
IN 1
IN 2-8
OUT
HI-1818A
200
12.5
50
A0
EN
A1
A2
pF
ENABLE DRIVE
2V/DIV.
OUTPUT
2V/DIV.
100ns/DIV.
ENABLED
(S1 ON)
DISABLED
50%
50%
0V
4.0V
ADDRESS
DRIVE (VA)
tOPEN
OUTPUT
+15V
VA
+5V
-15V +5V
V+
V-
VL
IN 1
IN 2
IN 3-8
OUT
HI-1818A
50
A0
EN
A1
A2
200
12.5
pF
VA INPUT
2V/DIV.
OUTPUT
1V/DIV.
100ns/DIV.
S2 ON
S1 ON
HI-1818A


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn