Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HI-1818A Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HI-1818A
Description  Low Resistance, Single 8-Channel, and Differential 4-Channel, CMOS Analog Multiplexers
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HI-1818A Datasheet(HTML) 4 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FN3141.4
November 19, 2004
Absolute Maximum Ratings
Thermal Information
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V
Logic Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V
Analog Signal (VIN, VOUT). . . . . . . . . . . . . . . . . (V-) -2V to (V+) +2V
Digital Input Voltage (VEN, VA) . . . . . . . . . . . . . . . . . . . . (V-) to (V+)
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
CERDIP Package. . . . . . . . . . . . . . . . .
80
20
Maximum Junction Temperature
Ceramic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief 379 for details.
Electrical Specifications
Supplies = +15V, -15V, +5V; VAL = 0.4V, VAH = 4.0V, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP (oC)
MIN
TYP
MAX
UNITS
DYNAMIC CHARACTERISTICS
Access Time, tA
Note 4
25
-
350
500
ns
Full
-
-
1000
ns
Break-Before-Make Delay, tOPEN
25
-
25
-
ns
Enable Delay (ON), tON(EN)
25
-
300
500
ns
Full
-
-
1000
ns
Enable Delay (OFF), tOFF(EN)
25
-
300
500
ns
Full
-
-
1000
ns
Settling Time
To 0.1%
25
-
1.08
-
µs
To 0.025%
25
-
2.8
-
µs
Channel Input Capacitance, CS(OFF)
25
-
4
-
pF
Channel Output Capacitance, CD(OFF)
25
-
20
-
pF
Input to Output Capacitance, CDS(OFF)
25
-
0.6
-
pF
Digital Input Capacitance, CA
25
-
5
-
pF
DIGITAL INPUT CHARACTERISTICS
Input Low Threshold, VAL
Full
-
-
0.4
V
Input High Threshold, VAH
Note 3
Full
4.0
-
-
V
Input Leakage Current, IA
Full
-
-
1
µA
ANALOG CHANNEL CHARACTERISTICS
Analog Signal Range, VlN
Full
-15
-
+15
V
ON Resistance, rON
Note 2
25
-
250
400
Full
-
-
500
OFF Input Leakage Current, IS(OFF)
Full
-
-
50
nA
ON Channel Leakage Current, lD(ON)
Full
-
-
250
nA
OFF Output Leakage Current, ID(OFF)
Full
-
-
250
nA
HI-1818A


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn