Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY2336-G Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SY2336-G
Description  SMD LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SY2336-G Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SY2336-G Datasheet HTML 1Page - KODENSHI_AUK CORP. SY2336-G Datasheet HTML 2Page - KODENSHI_AUK CORP. SY2336-G Datasheet HTML 3Page - KODENSHI_AUK CORP. SY2336-G Datasheet HTML 4Page - KODENSHI_AUK CORP. SY2336-G Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AUK CORP.
SY2336-G
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.Odate:08-AUG-11
AUK-LDM-001(A)
4. Absolute Maximum Ratings
(Ta=25
oC)
Characteristic
Symbol
Rating
Unit
Power dissipation
PD
75
mW
Forward current
IF
30
mA
*1 Peak forward current
IFP
50
mA
Reverse voltage
VR
5
V
Operating temperature range
Topr
-40
∼100
Storage temperature range
Tstg
-40
∼110
*2 Soldering temperature
Tsol
240
℃ for 10 seconds
*1.Duty ratio = 1/16, Pulse width = 0.1ms
*2.Recommended reflow soldering temperature profile
- Preheating 150
℃ to 185℃ within 120 seconds soldering 240℃ within 10 seconds
Gradual cooling (Avoid quenching)
max. 10sec
Temp (
℃)
Time (sec)
185
150
240
Peak Temp max. 240
Preheating area
150~185
℃, 90±30sec
max. 3
℃/sec
25
Time from 25
℃ to Peak Temperature max. 6min
Solder area
220
℃, max. 60sec
max. 4
℃/sec
max. -6
℃/sec
240
180
150
60
0


Similar Part No. - SY2336-G

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
More results

Similar Description - SY2336-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com