Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC24A00 Datasheet(PDF) 5 Page - NEC

Part # UPC24A00
Description  THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC24A00 Datasheet(HTML) 5 Page - NEC

  UPC24A00 Datasheet HTML 1Page - NEC UPC24A00 Datasheet HTML 2Page - NEC UPC24A00 Datasheet HTML 3Page - NEC UPC24A00 Datasheet HTML 4Page - NEC UPC24A00 Datasheet HTML 5Page - NEC UPC24A00 Datasheet HTML 6Page - NEC UPC24A00 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Data Sheet G14632EJ3V0DS00
5
µµµµPC24A00 Series
µµµµPC24A15 (TJ = 25°°°°C, VIN = 22 V, IO = 1 A, Unless Otherwise Specified)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
14.7
15.0
15.3
V
Output voltage
VO
0
°C ≤ TJ ≤ 125°C,
16 V
≤ VIN ≤ 25 V, 5 mA ≤ IO ≤ 2 A
14.55
15.45
V
Line regulation
REGIN
17 V
≤ VIN ≤ 25 V
18
150
mV
Load regulation
REGL
5 mA
≤ IO ≤ 2 A
10
150
mV
IO = 0 A
3
5.0
mA
Quiescent current
IBIAS
IO = 2 A
15
30
mA
Quiescent current change
∆IBIAS
17 V
≤ VIN ≤ 25 V, IO = 2 A
20
mA
Output noise voltage
Vn
10 Hz
≤ f ≤ 100 kHz
260
µ Vr.m.s.
Ripple rejection
R
⋅R
f = 120 Hz, 17 V
≤ VIN ≤ 27 V
40
48
dB
Dropout voltage
VDIF
0
°C ≤ TJ ≤ 125°C, IO = 2 A
1.0
V
Short circuit current
IO short
VIN = 16 V
1.4
A
Peak output current
IO peak
VIN = 22 V
2.8
3.5
4.2
A
Temperature coefficient of
output voltage
∆VO/∆T0°C ≤ TJ ≤ 125°C, IO = 5 mA
1.6
mV/
°C


Similar Part No. - UPC24A00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC24A00 RENESAS-UPC24A00 Datasheet
302Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
More results

Similar Description - UPC24A00

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
   THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
   Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC2900 NEC-UPC2900 Datasheet
93Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com