Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTP5N120BN Datasheet(PDF) 2 Page - Intersil Corporation

Part # HGTP5N120BN
Description  21A, 1200V, NPT Series N-Channel IGBTs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTP5N120BN Datasheet(HTML) 2 Page - Intersil Corporation

  HGTP5N120BN Datasheet HTML 1Page - Intersil Corporation HGTP5N120BN Datasheet HTML 2Page - Intersil Corporation HGTP5N120BN Datasheet HTML 3Page - Intersil Corporation HGTP5N120BN Datasheet HTML 4Page - Intersil Corporation HGTP5N120BN Datasheet HTML 5Page - Intersil Corporation HGTP5N120BN Datasheet HTML 6Page - Intersil Corporation HGTP5N120BN Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Absolute Maximum Ratings TC = 25oC, Unless Otherwise Specified
HGTP5N120BN,
HGT1S5N120BNS
UNITS
Collector to Emitter Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .BVCES
1200
V
Collector Current Continuous
At TC = 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I
C25
21
A
At TC = 110
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I
C110
10
A
Collector Current Pulsed (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ICM
40
A
Gate to Emitter Voltage Continuous. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGES
±20
V
Gate to Emitter Voltage Pulsed . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGEM
±30
V
Switching Safe Operating Area at TJ = 150
oC (Figure 2) . . . . . . . . . . . . . . . . . . . . . . . SSOA
30A at 1200V
Power Dissipation Total at TC = 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . P
D
167
W
Power Dissipation Derating TC > 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.33
W/oC
Forward Voltage Avalanche Energy (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAV
36
mJ
Operating and Storage Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 150
oC
Maximum Lead Temperature for Soldering
Leads at 0.063in (1.6mm) from case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
300
oC
Package Body for 10s, see Tech Brief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Tpkg
260
oC
Short Circuit Withstand Time (Note 3) at VGE = 15V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .tSC
8
µs
Short Circuit Withstand Time (Note 3) at VGE = 12V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .tSC
15
µs
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Pulse width limited by maximum junction temperature.
2. ICE = 12A, L = 500µH.
3. VCE(PK) = 840V, TJ = 125
oC, R
G = 25Ω.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Collector to Emitter Breakdown Voltage
BVCES
IC = 250µA, VGE = 0V
1200
-
-
V
Emitter to Collector Breakdown Voltage
BVECS
IC = 10mA, VGE = 0V
15
-
-
V
Collector to Emitter Leakage Current
ICES
VCE = BVCES
TC = 25
oC
-
-
250
µA
TC = 125
oC
-
100
-
µA
TC = 150
oC
-
-
1.5
mA
Collector to Emitter Saturation Voltage
VCE(SAT)
IC = 5A,
VGE = 15V
TC = 25
oC
-
2.45
2.7
V
TC = 150
oC
-
3.7
4.2
V
Gate to Emitter Threshold Voltage
VGE(TH)
IC = 45µA, VCE = VGE
6.0
6.8
-
V
Gate to Emitter Leakage Current
IGES
VGE = ±20V
-
-
±250
nA
Switching SOA
SSOA
TJ = 150
oC, R
G = 25Ω, VGE = 15V,
L = 5mH, VCE(PK) = 1200V
30
-
-
A
Gate to Emitter Plateau Voltage
VGEP
IC = 5A, VCE = 0.5 BVCES
-
10.5
-
V
On-State Gate Charge
QG(ON)
IC = 5A,
VCE = 0.5 BVCES
VGE = 15V
-
53
65
nC
VGE = 20V
-
60
72
nC
HGTP5N120BN, HGT1S5N120BNS


Similar Part No. - HGTP5N120BN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTP5N120BND FAIRCHILD-HGTP5N120BND Datasheet
216Kb / 8P
   21A, 1200V, NPT Series N-Channel IGBTs with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTP5N120BND INTERSIL-HGTP5N120BND Datasheet
89Kb / 7P
   21A, 1200V, NPT Series N-Channel IGBTs with Anti-Parallel Hyperfast Diodes
January 2000
More results

Similar Description - HGTP5N120BN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG5N120BND FAIRCHILD-HGTG5N120BND Datasheet
216Kb / 8P
   21A, 1200V, NPT Series N-Channel IGBTs with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTG5N120BND INTERSIL-HGTG5N120BND Datasheet
89Kb / 7P
   21A, 1200V, NPT Series N-Channel IGBTs with Anti-Parallel Hyperfast Diodes
January 2000
logo
International Rectifier
EMP25P12B IRF-EMP25P12B Datasheet
1Mb / 15P
   NPT IGBTs 25A, 1200V
PIIPM25P12B008 IRF-PIIPM25P12B008 Datasheet
1,002Kb / 28P
   NPT IGBTs 25A, 1200V
logo
Intersil Corporation
HGTP2N120CND INTERSIL-HGTP2N120CND Datasheet
92Kb / 7P
   13A, 1200V, NPT Series N-Channel IGBTs with Anti-Parallel Hyperfast Diodes
January 2000
HGTG15N120C3 INTERSIL-HGTG15N120C3 Datasheet
139Kb / 11P
   35A, 1200V, UFS Series N-Channel IGBTs
June 1997
logo
Unisonic Technologies
UG1N120 UTC-UG1N120 Datasheet
290Kb / 3P
   1200V NPT SERIES N-CHANNEL IGBT
logo
Fairchild Semiconductor
HGTG30N120CN FAIRCHILD-HGTG30N120CN Datasheet
113Kb / 8P
   75A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTD2N120CNS INTERSIL-HGTD2N120CNS Datasheet
89Kb / 7P
   13A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG10N120BN INTERSIL-HGTG10N120BN Datasheet
81Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT
January 2000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com