Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGT1S3N60B3DS Datasheet(PDF) 3 Page - Intersil Corporation

Part # HGT1S3N60B3DS
Description  7A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGT1S3N60B3DS Datasheet(HTML) 3 Page - Intersil Corporation

  HGT1S3N60B3DS Datasheet HTML 1Page - Intersil Corporation HGT1S3N60B3DS Datasheet HTML 2Page - Intersil Corporation HGT1S3N60B3DS Datasheet HTML 3Page - Intersil Corporation HGT1S3N60B3DS Datasheet HTML 4Page - Intersil Corporation HGT1S3N60B3DS Datasheet HTML 5Page - Intersil Corporation HGT1S3N60B3DS Datasheet HTML 6Page - Intersil Corporation HGT1S3N60B3DS Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Current Turn-On Delay Time
td(ON)I
IGBT and Diode at TJ = 150
oC
ICE = IC110
VCE = 0.8 BVCES
VGE = 15V
RG = 82Ω
L = 1mH
Test Circuit (Figure 19)
-16
-
ns
Current Rise Time
trI
-18
-
ns
Current Turn-Off Delay Time
td(OFF)I
-
220
295
ns
Current Fall Time
tfI
-
115
175
ns
Turn-On Energy
EON
-
130
140
µJ
Turn-Off Energy (Note 1)
EOFF
-
210
325
µJ
Diode Forward Voltage
VEC
IEC = 3A
-
2.0
2.5
V
Diode Reverse Recovery Time
trr
IEC = 1A, dIEC/dt = 200A/µs-
-
22
ns
IEC = 3A, dIEC/dt = 200A/µs-
-
28
ns
Thermal Resistance Junction To Case
RθJC
IGBT
-
-
3.75
oC/W
Diode
3.0
oC/W
NOTE:
3. Turn-Off Energy Loss (EOFF) is defined as the integral of the instantaneous power loss starting at the trailing edge of the input pulse and ending
at the point where the collector current equals zero (ICE = 0A). All devices were tested per JEDEC Standard No. 24-1 Method for Measurement
of Power Device Turn-Off Switching Loss. This test method produces the true total Turn-Off Energy Loss. Turn-On losses include losses due
to diode recovery.
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. DC COLLECTOR CURRENT vs CASE TEMPERATURE
FIGURE 2. MINIMUM SWITCHING SAFE OPERATING AREA
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
TC, CASE TEMPERATURE (
oC)
25
50
75
100
125
150
1
0
3
5
2
4
6
7
VGE = 15V
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
10
700
6
0
2
4
300
400
200
100
500
600
8
0
12
14
16
18
20
TJ = 150
oC, R
G = 82Ω, VGE = 15V L = 500µH
HGTP3N60B3D, HGT1S3N60B3DS


Similar Part No. - HGT1S3N60B3DS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGT1S3N60B3S INTERSIL-HGT1S3N60B3S Datasheet
141Kb / 7P
   7A, 600V, UFS Series N-Channel IGBTs
January 2000
More results

Similar Description - HGT1S3N60B3DS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG12N60C3D INTERSIL-HGTG12N60C3D Datasheet
98Kb / 7P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG30N60B3D INTERSIL-HGTG30N60B3D Datasheet
109Kb / 7P
   60A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Harris Corporation
HGTP3N60C3D HARRIS-HGTP3N60C3D_07 Datasheet
394Kb / 11P
   6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG20N60B3D INTERSIL-HGTG20N60B3D Datasheet
135Kb / 6P
   40A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG20N60C3D FAIRCHILD-HGTG20N60C3D Datasheet
123Kb / 8P
   45A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG20N60C3D INTERSIL-HGTG20N60C3D Datasheet
82Kb / 7P
   45A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Harris Corporation
HGTG12N60C3D HARRIS-HGTG12N60C3D Datasheet
102Kb / 7P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Fairchild Semiconductor
HGTG20N60B3D FAIRCHILD-HGTG20N60B3D Datasheet
179Kb / 7P
   40A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Harris Corporation
HGTG30N60C3D HARRIS-HGTG30N60C3D Datasheet
131Kb / 8P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Fairchild Semiconductor
HGTG12N60C3D FAIRCHILD-HGTG12N60C3D Datasheet
124Kb / 8P
   24A, 600V, UFS SERIES N-CHANNEL IGBT WITH ANTI-PARALLEL HYPERFAST DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com