Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTP2N120BND Datasheet(PDF) 6 Page - Intersil Corporation

Part # HGTP2N120BND
Description  12A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTP2N120BND Datasheet(HTML) 6 Page - Intersil Corporation

  HGTP2N120BND Datasheet HTML 1Page - Intersil Corporation HGTP2N120BND Datasheet HTML 2Page - Intersil Corporation HGTP2N120BND Datasheet HTML 3Page - Intersil Corporation HGTP2N120BND Datasheet HTML 4Page - Intersil Corporation HGTP2N120BND Datasheet HTML 5Page - Intersil Corporation HGTP2N120BND Datasheet HTML 6Page - Intersil Corporation HGTP2N120BND Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
FIGURE 15. CAPACITANCE vs COLLECTOR TO EMITTER
VOLTAGE
FIGURE 16. COLLECTOR TO EMITTER ON-STATE VOLTAGE
FIGURE 17. NORMALIZED TRANSIENT THERMAL RESPONSE, JUNCTION TO CASE
FIGURE 18. DIODE FORWARD CURRENT vs FORWARD
VOLTAGE DROP
FIGURE 19. RECOVERY TIMES vs FORWARD CURRENT
Typical Performance Curves Unless Otherwise Specified (Continued)
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
5
10
15
20
25
0
CIES
0.2
0.6
0.8
0.4
FREQUENCY = 1MHz
COES
CRES
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
1.0
2.5
0
1.0
0
2.0
0.5
3.0
DUTY CYCLE < 0.5%, TC = 110
oC
PULSE DURATION = 250
µs
1.5
3.0
4.0
VGE = 10V
VGE = 15V
2.0
0.5
1.5
2.5
3.5
t1
t2
PD
SINGLE PULSE
0.5
0.2
0.1
0.05
0.02
t1, RECTANGULAR PULSE DURATION (s)
10-2
10-1
100
10-5
10-3
10-2
10-1
100
10-4
0.01
DUTY FACTOR, D = t1 / t2
PEAK TJ = (PD X ZθJC X RθJC) + TC
VF, FORWARD VOLTAGE (V)
0.5
1.5
2.0
2.5
150oC
-55oC
10
1
0.1
1.0
25oC
IF, FORWARD CURRENT (A)
10
20
70
5
0
30
60
3
40
2
trr
ta
50
tb
1
TC = 25
oC, dI
EC / dt = 200A/µs
4
HGTP2N120BND, HGT1S2N120BNDS


Similar Part No. - HGTP2N120BND

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP2N120BN INTERSIL-HGTP2N120BN Datasheet
85Kb / 7P
   12A, 1200V, NPT Series N-Channel IGBT
January 2000
More results

Similar Description - HGTP2N120BND

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG10N120BND INTERSIL-HGTG10N120BND Datasheet
82Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N120CND INTERSIL-HGTG20N120CND Datasheet
93Kb / 7P
   63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG5N120CND INTERSIL-HGTG5N120CND Datasheet
87Kb / 7P
   25A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG18N120BND FAIRCHILD-HGTG18N120BND_07 Datasheet
1Mb / 8P
   54A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG11N120CND INTERSIL-HGTG11N120CND Datasheet
82Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG10N120BND FAIRCHILD-HGTG10N120BND Datasheet
110Kb / 8P
   35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG20N120CND FAIRCHILD-HGTG20N120CND Datasheet
121Kb / 8P
   63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG18N120BND INTERSIL-HGTG18N120BND Datasheet
95Kb / 7P
   54A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP1N120BND INTERSIL-HGTP1N120BND Datasheet
75Kb / 7P
   5.3A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP1N120CND INTERSIL-HGTP1N120CND Datasheet
80Kb / 7P
   6.2A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com