Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUF3001 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SUF3001
Description  Dual N-ch Trench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SUF3001 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SUF3001 Datasheet HTML 1Page - KODENSHI_AUK CORP. SUF3001 Datasheet HTML 2Page - KODENSHI_AUK CORP. SUF3001 Datasheet HTML 3Page - KODENSHI_AUK CORP. SUF3001 Datasheet HTML 4Page - KODENSHI_AUK CORP. SUF3001 Datasheet HTML 5Page - KODENSHI_AUK CORP. SUF3001 Datasheet HTML 6Page - KODENSHI_AUK CORP. SUF3001 Datasheet HTML 7Page - KODENSHI_AUK CORP. SUF3001 Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
KSD-T7F004-000
1
SUF3001
Dual P-channel Trench MOSFET
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
Portable Equipment Application.
Notebook Application.
Features
• Low VGS(th) : VGS(th)=1.0~3.0V
• Small footprint due to small package
• Low RDS (ON) : RDS (ON) =66
Ordering Information
Type NO.
Marking
Package Code
SUF3001
SUF3001
SOP-8
Outline Dimensions
unit : mm
PIN Connections
1. Source 1
2. Gate 1
3. Source 2
4. Gate 2
5. Drain 2
6. Drain 2
7. Drain 1
8. Drain 1
5.88~6.18
3.70~3.90
0.46 Min.
0.27 Max.
Block Diagram


Similar Part No. - SUF3001

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUF3001 AUK-SUF3001 Datasheet
338Kb / 8P
   Dual P-channel Trench MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SUF3001 DOINGTER-SUF3001 Datasheet
1Mb / 5P
   P-Channel MOSFET uses advanced trench technology
More results

Similar Description - SUF3001

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMB4D5DN60QA KEC-KMB4D5DN60QA_15 Datasheet
769Kb / 4P
   Dual N-Ch Trench MOSFET
KMB4D5DN60QA KEC-KMB4D5DN60QA Datasheet
57Kb / 4P
   Dual N-Ch Trench MOSFET
KMB7D0DN40QA KEC-KMB7D0DN40QA_09 Datasheet
86Kb / 5P
   Dual N-Ch Trench MOSFET
logo
KODENSHI_AUK CORP.
SUF1002 KODENSHI-SUF1002 Datasheet
353Kb / 8P
   Dual N-ch Trench MOSFET
logo
KEC(Korea Electronics)
KMB7D0DN40QA KEC-KMB7D0DN40QA Datasheet
460Kb / 4P
   Dual N-Ch Trench MOSFET
KMD6D0DN40Q KEC-KMD6D0DN40Q_15 Datasheet
378Kb / 5P
   Dual N-Ch Trench MOSFET
KMB6D0DN30QA KEC-KMB6D0DN30QA_15 Datasheet
381Kb / 5P
   Dual N-Ch Trench MOSFET
KMB6D0DN30QA KEC-KMB6D0DN30QA_08 Datasheet
62Kb / 5P
   Dual N-Ch Trench MOSFET
KMB6D0DN30QB KEC-KMB6D0DN30QB Datasheet
380Kb / 5P
   Dual N-Ch Trench MOSFET
KMB7D0DN40QB KEC-KMB7D0DN40QB Datasheet
839Kb / 5P
   Dual N-Ch Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com