Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGT1S12N60C3DS Datasheet(PDF) 5 Page - Intersil Corporation

Part # HGT1S12N60C3DS
Description  24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGT1S12N60C3DS Datasheet(HTML) 5 Page - Intersil Corporation

  HGT1S12N60C3DS Datasheet HTML 1Page - Intersil Corporation HGT1S12N60C3DS Datasheet HTML 2Page - Intersil Corporation HGT1S12N60C3DS Datasheet HTML 3Page - Intersil Corporation HGT1S12N60C3DS Datasheet HTML 4Page - Intersil Corporation HGT1S12N60C3DS Datasheet HTML 5Page - Intersil Corporation HGT1S12N60C3DS Datasheet HTML 6Page - Intersil Corporation HGT1S12N60C3DS Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FIGURE 11. TURN ON ENERGY LOSS vs COLLECTOR TO
EMITTER CURRENT
FIGURE 12. TURN OFF ENERGY LOSS vs COLLECTOR TO
EMITTER CURRENT
FIGURE 13. OPERATING FREQUENCY vs COLLECTOR TO
EMITTER CURRENT
FIGURE 14. SWITCHING SAFE OPERATING AREA
FIGURE 15. CAPACITANCE vs COLLECTOR TO EMITTER
VOLTAGE
FIGURE 16. GATE CHARGE WAVEFORMS
Typical Performance Curves (Continued)
ICE, COLLECTOR TO EMITTER CURRENT (A)
0
510
15
20
VGE = 15V
0.5
1.0
1.5
2.0
25
30
VGE = 10V
TJ = 150
oC, R
G = 25Ω, L = 100µH, VCE(PK) = 480V
ICE, COLLECTOR TO EMITTER CURRENT (A)
5
1015202530
0.5
1.0
1.5
2.0
2.5
3.0
0
TJ = 150
oC, R
G = 25Ω, L = 100µH, VCE(PK) = 480V
VGE = 10V or 15V
ICE, COLLECTOR TO EMITTER CURRENT (A)
510
20
30
10
100
200
1
fMAX2 = (PD - PC)/(EON + EOFF)
PD = ALLOWABLE DISSIPATION
PC = CONDUCTION DISSIPATION
fMAX1 = 0.05/(tD(OFF)I + tD(ON)I)
(DUTY FACTOR = 50%)
RθJC = 1.2
oC/W
TJ = 150
oC, T
C = 75
oC
RG = 25Ω, L = 100µH
VGE = 15V
VGE = 10V
VCE(PK), COLLECTOR TO EMITTER VOLTAGE (V)
0
100
200
300
400
500
600
0
20
40
60
80
100
TJ = 150
oC, V
GE = 15V, RG = 25Ω, L = 100µH
LIMITED BY
CIRCUIT
COES
CRES
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
5
10
15
20
25
0
500
1000
1500
2000
2500
FREQUENCY = 1MHz
CIES
Qg, GATE CHARGE (nC)
15
12
9
6
3
0
10
20
30
40
50
60
0
VCE = 200V
VCE = 400V
VCE = 600V
IG REF = 1.276mA, RL = 50Ω, TC = 25
oC
HGTP12N60C3D, HGT1S12N60C3DS


Similar Part No. - HGT1S12N60C3DS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGT1S12N60C3DS FAIRCHILD-HGT1S12N60C3DS Datasheet
154Kb / 8P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
More results

Similar Description - HGT1S12N60C3DS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTP12N60C3D FAIRCHILD-HGTP12N60C3D Datasheet
154Kb / 8P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTG12N60C3D INTERSIL-HGTG12N60C3D Datasheet
98Kb / 7P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Harris Corporation
HGTG12N60C3D HARRIS-HGTG12N60C3D Datasheet
102Kb / 7P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Fairchild Semiconductor
HGTG12N60C3D FAIRCHILD-HGTG12N60C3D Datasheet
124Kb / 8P
   24A, 600V, UFS SERIES N-CHANNEL IGBT WITH ANTI-PARALLEL HYPERFAST DIODE
HGT1Y40N60B3D FAIRCHILD-HGT1Y40N60B3D Datasheet
132Kb / 9P
   70A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
HGT1S7N60C3DS9A FAIRCHILD-HGT1S7N60C3DS9A Datasheet
566Kb / 9P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
HGTG30N60C3D FAIRCHILD-HGTG30N60C3D_V01 Datasheet
299Kb / 9P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2009
HGTP7N60C3D FAIRCHILD-HGTP7N60C3D Datasheet
197Kb / 7P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTP7N60C3D INTERSIL-HGTP7N60C3D Datasheet
176Kb / 7P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
logo
Fairchild Semiconductor
HGTG30N60C3D FAIRCHILD-HGTG30N60C3D Datasheet
144Kb / 8P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com