Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTP10N50C1 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HGTP10N50C1
Description  10A, 12A, 400V and 500V N-Channel IGBTs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTP10N50C1 Datasheet(HTML) 5 Page - Intersil Corporation

  HGTP10N50C1 Datasheet HTML 1Page - Intersil Corporation HGTP10N50C1 Datasheet HTML 2Page - Intersil Corporation HGTP10N50C1 Datasheet HTML 3Page - Intersil Corporation HGTP10N50C1 Datasheet HTML 4Page - Intersil Corporation HGTP10N50C1 Datasheet HTML 5Page - Intersil Corporation HGTP10N50C1 Datasheet HTML 6Page - Intersil Corporation HGTP10N50C1 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3-19
HGTP10N40C1, 40E1, 50C1, 50E1, HGTH12N40C1, 40E1, 50C1, 50E1
FIGURE 13. TYPICAL FALL TIME (IC = 10A)
FIGURE 14. TYPICAL CLAMPED INDUCTIVE TURN-OFF
SWITCHING LOSS/CYCLE
FIGURE 15. NORMALIZED SWITCHING WAVEFORMS
AT CONSTANT GATE CURRENT
Test Circuit
FIGURE 16. INDUCTIVE SWITCHING TEST CIRCUIT
Typical Performance Curves (Continued)
800
700
600
500
400
300
200
100
0
+25
+50
+75
+100
+125
+150
TJ, JUNCTION TEMPERATURE (
oC)
IC = 10A, VGE = 10V, VCL = 300V
L = 50
µH, R
G = 50Ω
40C1/50C1
40E1/50E1
1000
900
800
700
600
500
400
300
200
100
0
+25
+50
+75
+100
+125
+150
TJ, JUNCTION TEMPERATURE (
oC)
5A, 40C1/50C1
5A, 40E1/50E1
10A, 40C1/50C1
10A, 40E1/50E1
VGE = 10V, VCL = 300V
L = 50
µH, R
G = 50Ω
500
375
250
125
0
10
4
0
20
IG(REF)
IG(ACT)
80
IG(REF)
IG(ACT)
TIME (
µs)
GATE-
EMITTER
VOLTAGE
RL = 50Ω
IG(REF) = 0.38mA
VGE = 10V
COLLECTOR-EMITTER VOLTAGE
VCC = 0.25 BVCES
VCC = BVCES
8
6
2
BVCES
NOTE:
FOR TURN-OFF GATE CURRENTS IN
EXCESS OF 3mA. VCE TURN-OFF IS
NOT ACCURATELY REPRESENTED
BY THIS NORMALIZATION.
20V
0V
RGEN = 100Ω
1/RG = 1/RGEN + 1/RGE
RGE = 100Ω
L = 50
µH
VCE(CLP) =
RL = 13Ω
300V
VCC
130V


Similar Part No. - HGTP10N50C1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP10N50C1D INTERSIL-HGTP10N50C1D Datasheet
37Kb / 6P
   10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
More results

Similar Description - HGTP10N50C1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTD10N40F1 INTERSIL-HGTD10N40F1 Datasheet
33Kb / 4P
   10A, 400V and 500V N-Channel IGBTs
March 1997
HGTD6N40E1 INTERSIL-HGTD6N40E1 Datasheet
32Kb / 4P
   6A, 400V and 500V N-Channel IGBTs
March 1997
2N6975 INTERSIL-2N6975 Datasheet
40Kb / 4P
   5A, 400V and 500V N-Channel IGBTs
April 1995
HGTP15N40C1 INTERSIL-HGTP15N40C1 Datasheet
35Kb / 5P
   15A, 20A, 400V and 500V N-Channel IGBTs
April 1995
HGTP10N40F1D INTERSIL-HGTP10N40F1D Datasheet
34Kb / 5P
   10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTP10N40C1D INTERSIL-HGTP10N40C1D Datasheet
37Kb / 6P
   10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTH20N40C1D INTERSIL-HGTH20N40C1D Datasheet
35Kb / 6P
   20A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
logo
Alpha & Omega Semicondu...
AOT12N50 AOSMD-AOT12N50 Datasheet
180Kb / 6P
   500V, 12A N-Channel MOSFET
AOB12N50 AOSMD-AOB12N50 Datasheet
262Kb / 6P
   500V, 12A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com