Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTP10N50E1D Datasheet(PDF) 4 Page - Intersil Corporation

Part # HGTP10N50E1D
Description  10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTP10N50E1D Datasheet(HTML) 4 Page - Intersil Corporation

  HGTP10N50E1D Datasheet HTML 1Page - Intersil Corporation HGTP10N50E1D Datasheet HTML 2Page - Intersil Corporation HGTP10N50E1D Datasheet HTML 3Page - Intersil Corporation HGTP10N50E1D Datasheet HTML 4Page - Intersil Corporation HGTP10N50E1D Datasheet HTML 5Page - Intersil Corporation HGTP10N50E1D Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3-23
HGTP10N40C1D, HGTP10N40E1D, HGTP10N50C1D, HGTP10N50E1D
FIGURE 7. CAPACITANCE vs COLLECTOR-TO-EMITTER
VOLTAGE
FIGURE 8. TYPICAL VCE(ON) vs TEMPERATURE
FIGURE 9. TYPICAL TURN-OFF DELAY TIME
FIGURE 10. TYPICAL INDUCTIVE SWITCHING WAVEFORMS
FIGURE 11. TYPICAL FALL TIME (IC = 5A)
FIGURE 12. TYPICAL FALL TIME (IC = 10A)
Typical Performance Curves (Continued)
1000
800
600
400
200
0
010
20
30
40
50
VCE, COLLECTOR-TO-EMITTER VOLTAGE (V)
f = 0.1MHz
CISS
COSS
CRSS
1200
3.00
2.75
2.50
2.25
2.00
1.75
1.50
+25
+50
+75
+100
+125
+150
TJ, JUNCTION TEMPERATURE (
oC)
IC = 5A, VGE = 15V
IC = 5A, VGE = 10V
IC = 10A, VGE = 15V
IC = 10A, VGE = 10V
400
300
200
100
0
+25
+50
+75
+100
+125
+150
TJ, JUNCTION TEMPERATURE (
oC)
IC = 20A, VGE = 10V, VCL = 300V
L =25
µH, R
G = 25Ω
VGE
VCE
IC
WOFF = IC * VCEdt
800
700
600
500
400
300
200
100
0
+25
+50
+75
+100
+125
+150
TJ, JUNCTION TEMPERATURE (
oC)
IC = 5A, VGE = 10V, VCL = 300V
L = 50
µH, R
G = 50Ω
40C1/50C1
40E1/50E1
800
700
600
500
400
300
200
100
0
+25
+50
+75
+100
+125
+150
TJ, JUNCTION TEMPERATURE (
oC)
IC = 10A, VGE = 10V, VCL = 300V
L = 50
µH, R
G = 50Ω
40C1/50C1
40E1/50E1


Similar Part No. - HGTP10N50E1D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP10N50E1 INTERSIL-HGTP10N50E1 Datasheet
38Kb / 7P
   10A, 12A, 400V and 500V N-Channel IGBTs
April 1995
More results

Similar Description - HGTP10N50E1D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP10N40F1D INTERSIL-HGTP10N40F1D Datasheet
34Kb / 5P
   10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTH20N40C1D INTERSIL-HGTH20N40C1D Datasheet
35Kb / 6P
   20A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTD10N40F1 INTERSIL-HGTD10N40F1 Datasheet
33Kb / 4P
   10A, 400V and 500V N-Channel IGBTs
March 1997
HGTP10N40C1 INTERSIL-HGTP10N40C1 Datasheet
38Kb / 7P
   10A, 12A, 400V and 500V N-Channel IGBTs
April 1995
HGTD6N40E1 INTERSIL-HGTD6N40E1 Datasheet
32Kb / 4P
   6A, 400V and 500V N-Channel IGBTs
March 1997
2N6975 INTERSIL-2N6975 Datasheet
40Kb / 4P
   5A, 400V and 500V N-Channel IGBTs
April 1995
HGTP15N40C1 INTERSIL-HGTP15N40C1 Datasheet
35Kb / 5P
   15A, 20A, 400V and 500V N-Channel IGBTs
April 1995
HGTG20N50C1D INTERSIL-HGTG20N50C1D Datasheet
33Kb / 5P
   20A, 500V N-Channel IGBT with Anti-Parallel Ultrafast Diode
April 1995
logo
Fairchild Semiconductor
HGTG5N120BND FAIRCHILD-HGTG5N120BND Datasheet
216Kb / 8P
   21A, 1200V, NPT Series N-Channel IGBTs with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTG5N120BND INTERSIL-HGTG5N120BND Datasheet
89Kb / 7P
   21A, 1200V, NPT Series N-Channel IGBTs with Anti-Parallel Hyperfast Diodes
January 2000
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com