Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTG12N60A4 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HGTG12N60A4
Description  600V, SMPS Series N-Channel IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTG12N60A4 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HGTG12N60A4 Datasheet HTML 2Page - Intersil Corporation HGTG12N60A4 Datasheet HTML 3Page - Intersil Corporation HGTG12N60A4 Datasheet HTML 4Page - Intersil Corporation HGTG12N60A4 Datasheet HTML 5Page - Intersil Corporation HGTG12N60A4 Datasheet HTML 6Page - Intersil Corporation HGTG12N60A4 Datasheet HTML 7Page - Intersil Corporation HGTG12N60A4 Datasheet HTML 8Page - Intersil Corporation HGTG12N60A4 Datasheet HTML 9Page - Intersil Corporation HGTG12N60A4 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
HGTP12N60A4, HGTG12N60A4, HGT1S12N60A4S
TO-247
3 LEAD JEDEC STYLE TO-247 PLASTIC PACKAGE
LEAD 1
- GATE
LEAD 2
- COLLECTOR
LEAD 3
- EMITTER
TERM. 4
- COLLECTOR
A
b
b1
c
D
E
L
L1
ØR
1
2
e1
3
1
J1
ØS
Q
ØP
BACK VIEW
TERM. 4
3
e
b2
2
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.180
0.190
4.58
4.82
-
b
0.046
0.051
1.17
1.29
2, 3
b1
0.060
0.070
1.53
1.77
1, 2
b2
0.095
0.105
2.42
2.66
1, 2
c
0.020
0.026
0.51
0.66
1, 2, 3
D
0.800
0.820
20.32
20.82
-
E
0.605
0.625
15.37
15.87
-
e
0.219 TYP
5.56 TYP
4
e1
0.438 BSC
11.12 BSC
4
J1
0.090
0.105
2.29
2.66
5
L
0.620
0.640
15.75
16.25
-
L1
0.145
0.155
3.69
3.93
1
ØP
0.138
0.144
3.51
3.65
-
Q
0.210
0.220
5.34
5.58
-
ØR
0.195
0.205
4.96
5.20
-
ØS
0.260
0.270
6.61
6.85
-
NOTES:
1. Lead dimension and finish uncontrolled in L1.
2. Lead dimension (without solder).
3. Add typically 0.002 inches (0.05mm) for solder coating.
4. Position of lead to be measured 0.250 inches (6.35mm) from bottom
of dimension D.
5. Position of lead to be measured 0.100 inches (2.54mm) from bottom
of dimension D.
6. Controlling dimension: Inch.
7. Revision 1 dated 1-93.


Similar Part No. - HGTG12N60A4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG12N60A4 FAIRCHILD-HGTG12N60A4 Datasheet
229Kb / 8P
   600V, SMPS Series N-Channel IGBTs
HGTG12N60A4D FAIRCHILD-HGTG12N60A4D Datasheet
173Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG12N60A4D INTERSIL-HGTG12N60A4D Datasheet
394Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
November 1999
More results

Similar Description - HGTG12N60A4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTD7N60A4S INTERSIL-HGTD7N60A4S Datasheet
168Kb / 11P
   600V, SMPS Series N-Channel IGBT
June 2000
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A Datasheet
204Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTD3N60A4S FAIRCHILD-HGTD3N60A4S Datasheet
189Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTG40N60A4 FAIRCHILD-HGTG40N60A4 Datasheet
181Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTG30N60A4 INTERSIL-HGTG30N60A4 Datasheet
92Kb / 8P
   600V, SMPS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A_04 Datasheet
191Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTD3N60A4S INTERSIL-HGTD3N60A4S Datasheet
156Kb / 10P
   600V, SMPS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTG30N60A4 FAIRCHILD-HGTG30N60A4 Datasheet
178Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTG40N60A4 INTERSIL-HGTG40N60A4 Datasheet
93Kb / 8P
   600V, SMPS Series N-Channel IGBT
April 2000
logo
Unisonic Technologies
UGP7N60 UTC-UGP7N60 Datasheet
170Kb / 3P
   600V, SMPS N-CHANNEL IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com