Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD73460 Datasheet(PDF) 5 Page - Analog Devices

Part # AD73460
Description  Six-Input Channel Analog Front End
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73460 Datasheet(HTML) 5 Page - Analog Devices

  AD73460_15 Datasheet HTML 1Page - Analog Devices AD73460_15 Datasheet HTML 2Page - Analog Devices AD73460_15 Datasheet HTML 3Page - Analog Devices AD73460_15 Datasheet HTML 4Page - Analog Devices AD73460_15 Datasheet HTML 5Page - Analog Devices AD73460_15 Datasheet HTML 6Page - Analog Devices AD73460_15 Datasheet HTML 7Page - Analog Devices AD73460_15 Datasheet HTML 8Page - Analog Devices AD73460_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
REV. A
AD73460
–5–
Parameter
Test Conditions
Min
Typ
Max
Unit
DSP SECTION
VIH
Hi-Level Input Voltage
1, 2
@ VDD = max
2.0
V
VIH
Hi-Level CLKIN Voltage
@ VDD = max
2.2
V
VIL
Lo-Level Input Voltage1, 3
@ VDD = min
0.8
V
VOH Hi-Level Output Voltage
1, 4, 5
@ VDD = min, IOH = –0.5 mA
2.4
V
@ VDD = min, IOH = –100
µA6
VDD – 0.3
V
VOL Lo-Level Output Voltage
1, 4, 5
@ VDD = min, IOL = 2 mA
0.4
V
IIH
Hi-Level Input Current
3
@ VDD = max, VIN = VDD max
10
µA
IIL
Lo-Level Input Current
3
@ VDD = max, VIN = 0 V
10
µA
IOZH Three-State Leakage Current
7
@ VDD = max, VIN = VDD max
8
10
µA
IOZL Three-State Leakage Current
7
@ VDD = max, VIN = 0 V
8
10
µA
IDD
Supply Current (Idle)
9
@ VDD = 3.3 V
tCK = 19 ns
10
14
mA
tCK = 25 ns
10
12
mA
tCK = 30 ns
10
10
mA
IDD
Supply Current (Dynamic)11
@ VDD = 3.3 V, TAMB = 25
°C
tCK = 19 ns
10
54
mA
tCK = 25 ns
10
43
mA
tCK = 30 ns
10
37
mA
CI
Input Pin Capacitance
3, 6, 12
@ VIN = 2.5 V, fIN = 1.0 MHz, TAMB = 25
°C8
pF
CO
Output Pin Capacitance
6, 7, 12, 13
@ VIN = 2.5 V, fIN = 1.0 MHz, TAMB = 25
°C8
pF
NOTES
1Bidirectional pins: D0–D23, RFS0, RFS1, SCLK0, SCLK1, TFS0, TFS1, A1–A13, PF0–PF7.
2Input only pins:
RESET, BR, DR0, DR1, PWD.
3Input only pins: CLKIN,
RESET, BR, DR0, DR1, PWD.
4Output pins:
BG, PMS, DMS, BMS, IOMS, CMS, RD, WR, PWDACK, A0, DT0, DT1, CLKOUT, FL2–0, BGH.
5Although specified for TTL outputs, all AD73460 outputs are CMOS compatible and will drive to V
DD and GND, assuming no dc loads.
6Guaranteed but not tested.
7Three-statable pins: A0–A13, D0–D23,
PMS, DMS, BMS, IOMS, CMS, RD, WR, DT0, DT1, SCLK0, SCLK1, TFS0, TFS1, RFS0, RFS1, PF0–PF7.
80 V on
BR.
9Idle refers to AD73460 state of operation during execution of IDLE instruction. Deasserted pins are driven to either V
DD or GND.
10V
IN = 0 V and 3 V. For typical figures for supply currents, refer to Power Dissipation section.
11I
DD measurement taken with all instructions executing from internal memory. 50% of the instructions are multifunction (Types 1, 4, 5, 12, 13, 14), 30% are Type 2
and Type 6, and 20% are idle instructions.
12Applies to PBGA package type.
13Output pin capacitance is the capacitive load for any three-stated output pin.
Specifications subject to change without notice.
SPECIFICATIONS
(AVDD = 3.0 V to 3.6 V; DVDD = 3.0 V to 3.6 V; DGND = AGND = 0 V,
fMCLK = 16.384 MHz, fSAMP = 64 kHz; TA = TMIN to TMAX, unless otherwise noted.)


Similar Part No. - AD73460_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73460BB-40 AD-AD73460BB-40 Datasheet
290Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73460BB-80 AD-AD73460BB-80 Datasheet
290Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
More results

Similar Description - AD73460_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD73360ARZ AD-AD73360ARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360 AD-AD73360 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360L AD-AD73360L_15 Datasheet
271Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73360L AD-AD73360L Datasheet
287Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73360L AD-AD73360L_17 Datasheet
302Kb / 33P
   Six-Input Channel Analog Front End
AD73360LARZ AD-AD73360LARZ Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
AD73360 AD-AD73360_17 Datasheet
377Kb / 36P
   Six-input Channel Analog Front End
AD73460 AD-AD73460 Datasheet
290Kb / 32P
   Six-Input Channel Analog Front End
REV. 0
AD73360 AD-AD73360_15 Datasheet
281Kb / 35P
   Six-Input Channel Analog Front End
REV. A
logo
Microchip Technology
MCP3913 MICROCHIP-MCP3913 Datasheet
2Mb / 82P
   3V Six-Channel Analog Front End
08/20/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com