Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD73360L Datasheet(PDF) 25 Page - Analog Devices

Part No. AD73360L
Description  Six-Input Channel Analog Front End
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD73360L Datasheet(HTML) 25 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
REV. 0
AD73360L
–25–
Programming a Single AD73360L for Data Mode Operation
This section describes a typical sequence in programming a
single AD73360L to operate in normal Data Mode. It details
the control (program) words that are sent to the device to con-
figure its internal registers and shows the typical output data
received during both Program and Data Modes. The device is
connected in Frame Sync Loop-Back Mode (see Figure 12),
which forces an input word from the DSP’s Tx register each time
the AD73360L outputs a word via the SDO/SDOFS lines (while
the AD73360L is in Program Mode the data transmitted will be
invalid ADC data and will, in fact, be a modified version of the
last control word written in by the DSP). In each case the DSP’s
Tx register is preloaded with the data before the frame pulse is
received. In Step 1, the part has just been reset and on the first
output event the AD73360L presents an invalid output word
*.
The DSP’s Tx register contains a control word that programs
CRB with the data byte 0x03. This sets the sample rate at
8 kHz (with a master clock of 16.384 MHz). In Step 2, the con-
trol word in the DSP’s Tx register will cause all the AD73360Ls
channels to power up. This data is received by the AD73360L
with the next frame sync pulse. An invalid ADC word is also
received at the DSP’s Rx register. Step 3 selects the settings for
each channel of the AD73360L. This set can be repeated as
necessary to program all the channels to the desired settings.
Steps 4 and 5 program the modes of each channel (i.e., single-
ended or differential mode and normal or inverted). Step 6 puts
the AD73360L into Data Mode and in Step 7 the first valid
ADC word is received.
*This sequence assumes that the DSP SPORT’s Rx and Tx interrupts are enabled.
It is important to ensure there is no latency (separation) between control words in
a cascade configuration. This is especially the case when programming Control
Register B, as it contains settings for SCLK and DMCLK rates.
DSP Tx REG
CONTROL WORD
1000 0001 0000 0011
DEVICE 1
ADC WORD 1*
0000 0000 0000 0000
DSP Rx REG
0000 0000 0000 0000
STEP 1
DON'T CARE
DSP Tx REG
CONTROL WORD
1000 0010 0000 0001
DEVICE 1
ADC WORD 1*
1011 1111 0000 0011
DSP Rx REG
1011 1111 0000 0011
STEP 2
DON'T CARE
DSP Tx REG
CONTROL WORD
1000 0011 1000 1111
DEVICE 1
ADC WORD 1*
1011 1010 0000 0001
DSP Rx REG
1011 1010 0000 0001
STEP 3
DON'T CARE
DSP Tx REG
CONTROL WORD
1000 0110 0011 1111
DEVICE 1
ADC WORD 1*
1011 1011 1000 1111
DSP Rx REG
1011 1011 1000 1111
STEP 4
DON'T CARE
DSP Tx REG
CONTROL WORD
1000 0111 0011 1111
DEVICE 1
ADC WORD 1*
1011 1111 0011 1111
DSP Rx REG
1011 1110 0011 1111
STEP 5
DON'T CARE
DSP Tx REG
CONTROL WORD
1000 0000 0000 0001
DEVICE 1
ADC WORD 1*
1011 1111 0011 1111
DSP Rx REG
1011 1111 0011 1111
STEP 6
DON'T CARE
DSP Tx REG
CONTROL WORD
0111 1111 1111 1111
DEVICE 1
ADC WORD 1
1000 0000 0000 0000
DSP Rx REG
1000 0000 0000 0000
STEP 7
ADC WORD 1
SET 8kHz SAMPLING
GLOBAL POWER-UP
SET CHANNEL GAINS
SET CHANNEL MODE
SET CHANNEL INVERSION
SET DATA MODE
RECEIVE VALID ADC DATA
*ADC DATA RECEIVED BY THE DSP DURING THE PROGRAMMING PHASE SHOULD NOT BE CONSIDERED VALID RESULTS.
Figure 32. Programming a Single AD73360L for Operation in Data Mode
APPENDIX A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn