Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD73360L Datasheet(PDF) 18 Page - Analog Devices

Part No. AD73360L
Description  Six-Input Channel Analog Front End
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD73360L Datasheet(HTML) 18 Page - Analog Devices

Back Button AD73360L_15 Datasheet HTML 14Page - Analog Devices AD73360L_15 Datasheet HTML 15Page - Analog Devices AD73360L_15 Datasheet HTML 16Page - Analog Devices AD73360L_15 Datasheet HTML 17Page - Analog Devices AD73360L_15 Datasheet HTML 18Page - Analog Devices AD73360L_15 Datasheet HTML 19Page - Analog Devices AD73360L_15 Datasheet HTML 20Page - Analog Devices AD73360L_15 Datasheet HTML 21Page - Analog Devices AD73360L_15 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
REV. 0
AD73360L
–18–
The second configuration (shown in Figure 12) has the DSP’s
Tx data and Rx data connected to the AD73360L’s SDI and
SDO, respectively, while the DSP’s Tx and Rx frame syncs are
connected to the AD73360L’s SDIFS and SDOFS. In this con-
figuration, referred to as directly coupled or frame sync loop-back,
the frame sync signals are connected together and the input data
to the AD73360L is forced to be synchronous with the output data
from the AD73360L. The DSP must be programmed so that
both the Tx and Rx frame syncs are inputs as the AD73360L’s
SDOFS will be input to both. This configuration guarantees
that input and output events occur simultaneously and is the
simplest configuration for operation in normal Data Mode. Note
that when programming the DSP in this configuration it is
advisable to preload the Tx register with the first control word to
be sent before the AD73360L is taken out of reset. This ensures
that this word will be transmitted to coincide with the first out-
put word from the device(s).
TFS
DT
SCLK
DR
RFS
ADSP-21xx
DSP
AD73360L
ANALOG
FRONT-END
SDIFS
SDI
SCLK
SDO
SDOFS
FL0
FL1
RESET
SE
Figure 13. AD73360L Connected to ADSP-21xx
FSX
DX
CLKX
CLKR
DR
TMS320C5x
DSP
AD73360L
ANALOG
FRONT-END
SDIFS
SDI
SCLK
SDO
SDOFS
FSR
XF
RESET
SE
Figure 14. AD73360L Connected to TMS320C5x
TFS
DT
SCLK
DR
RFS
ADSP-21xx
DSP
AD73360L
SDIFS
SDI
SCLK
SDO
SDOFS
Figure 11. Indirectly Coupled or Nonframe Sync Loop-
Back Configuration
TFS
DT
SCLK
DR
RFS
ADSP-21xx
DSP
AD73360L
SDIFS
SDI
SCLK
SDO
SDOFS
Figure 12. Directly Coupled or Frame Sync Loop-
Back Configuration
Digital Interfacing
The AD73360L is designed to easily interface to most common
DSPs. The SCLK, SDO, SDOFS, SDI, and SDIFS must be
connected to the SCLK, DR, RFS, DT, and TFS pins of the
DSP respectively. The SE pin may be controlled from a parallel
output pin or flag pin such as FL0–2 on the ADSP-21xx (or XF
on the TMS320C5x) or, where SPORT power-down is not
required, it can be permanently strapped high using a suitable
pull-up resistor. For consistent performance the SE should be
synchronized to the rising edge of MCLK using a circuit similar to
that of Figure 19. The
RESET pin may be connected to the system
hardware reset structure or it may also be controlled using a
dedicated control line. In the event of tying it to the global system
reset, it is necessary to operate the device in mixed mode, which
allows a software reset, otherwise there is no convenient way of
resetting the device. Figures 11 and 12 show typical connections
to an ADSP-2181 while Figures 13 and 14 show typical connec-
tions to an ADSP-21xx and a TMS320C5x, respectively.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn