Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTH12N40C1 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HGTH12N40C1
Description  10A, 12A, 400V and 500V N-Channel IGBTs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTH12N40C1 Datasheet(HTML) 3 Page - Intersil Corporation

  HGTH12N40C1 Datasheet HTML 1Page - Intersil Corporation HGTH12N40C1 Datasheet HTML 2Page - Intersil Corporation HGTH12N40C1 Datasheet HTML 3Page - Intersil Corporation HGTH12N40C1 Datasheet HTML 4Page - Intersil Corporation HGTH12N40C1 Datasheet HTML 5Page - Intersil Corporation HGTH12N40C1 Datasheet HTML 6Page - Intersil Corporation HGTH12N40C1 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3-17
HGTP10N40C1, 40E1, 50C1, 50E1, HGTH12N40C1, 40E1, 50C1, 50E1
Typical Performance Curves
FIGURE 1. MAX. SWITCHING CURRENT LEVEL. RG = 50Ω,
VGE = 0V ARE THE MIN. ALLOWABLE VALUES
FIGURE 2. POWER DISSIPATION vs TEMPERATURE DERAT-
ING CURVE
FIGURE 3. TYPICAL NORMALIZED GATE THRESHOLD VOLT-
AGE vs JUNCTION TEMPERATURE
FIGURE 4. NORMALIZED THERMAL RESPONSE CHARAC-
TERISTICS
FIGURE 5. TYPICAL TRANSFER CHARACTERISTICS
FIGURE 6. TYPICAL SATURATION CHARACTERISTICS
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
0.0
-75
-50
-25
0
+25
+50
+75 +100 +125 +150 +175
TD, JUNCTION TEMPERATURE (
oC)
VGE = 10V, RGEN = RGE = 100Ω
100
80
60
40
20
0
+25
+50
+75
+100
+125
+150
TC, CASE TEMPERATURE (
oC)
1.3
1.2
1.1
1.0
0.9
0.8
0.7
-50
0
+50
+100
+150
TJ, JUNCTION TEMPERATURE (
oC)
VGE = VCE, IC = 1mA
10
1.0
0.1
0.01
0.01
0.1
1.0
10
100
1000
t, TIME (ms)
ZθJC(t) = r(t)RθJC,
D CURVES APPLY FOR POWER PULSE,
TRAIN SHOWN READ TIME AT t1,
TJ(PEAK) - TC = P(PEAK)ZθJC(t)
D = 0.05
SINGLE PULSE
D = 0.5
D = 0.2
17.5
15.0
12.5
10.0
7.5
5.0
2.5
0
2.5
5.0
7.5
10.0
VGE, GATE-TO-EMITTER VOLTAGE (V)
PULSE TEST, VCE = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX.
-40oC
+25oC
+125oC
17.5
15.0
12.5
10.0
7.5
5.0
2.5
0
123
45
VCE, COLLECTOR-TO-EMITTER VOLTAGE (V)
VGE = 20V
VGE = 10V
VGE = 8V
VGE = 7V
VGE = 6V
VGE = 5V
VGE = 4V
TC = +25
oC


Similar Part No. - HGTH12N40C1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTH20N40C1 INTERSIL-HGTH20N40C1 Datasheet
35Kb / 5P
   15A, 20A, 400V and 500V N-Channel IGBTs
April 1995
HGTH20N40C1D INTERSIL-HGTH20N40C1D Datasheet
35Kb / 6P
   20A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTH20N40E1 INTERSIL-HGTH20N40E1 Datasheet
35Kb / 5P
   15A, 20A, 400V and 500V N-Channel IGBTs
April 1995
HGTH20N40E1D INTERSIL-HGTH20N40E1D Datasheet
35Kb / 6P
   20A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTH20N50C1 INTERSIL-HGTH20N50C1 Datasheet
35Kb / 5P
   15A, 20A, 400V and 500V N-Channel IGBTs
April 1995
More results

Similar Description - HGTH12N40C1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTD10N40F1 INTERSIL-HGTD10N40F1 Datasheet
33Kb / 4P
   10A, 400V and 500V N-Channel IGBTs
March 1997
HGTD6N40E1 INTERSIL-HGTD6N40E1 Datasheet
32Kb / 4P
   6A, 400V and 500V N-Channel IGBTs
March 1997
2N6975 INTERSIL-2N6975 Datasheet
40Kb / 4P
   5A, 400V and 500V N-Channel IGBTs
April 1995
HGTP15N40C1 INTERSIL-HGTP15N40C1 Datasheet
35Kb / 5P
   15A, 20A, 400V and 500V N-Channel IGBTs
April 1995
HGTP10N40F1D INTERSIL-HGTP10N40F1D Datasheet
34Kb / 5P
   10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTP10N40C1D INTERSIL-HGTP10N40C1D Datasheet
37Kb / 6P
   10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTH20N40C1D INTERSIL-HGTH20N40C1D Datasheet
35Kb / 6P
   20A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
logo
Alpha & Omega Semicondu...
AOT12N50 AOSMD-AOT12N50 Datasheet
180Kb / 6P
   500V, 12A N-Channel MOSFET
AOB12N50 AOSMD-AOB12N50 Datasheet
262Kb / 6P
   500V, 12A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com